Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBL52414G Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # SBL52414G
Description  Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBL52414G Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button SBL52414G Datasheet HTML 3Page - Infineon Technologies AG SBL52414G Datasheet HTML 4Page - Infineon Technologies AG SBL52414G Datasheet HTML 5Page - Infineon Technologies AG SBL52414G Datasheet HTML 6Page - Infineon Technologies AG SBL52414G Datasheet HTML 7Page - Infineon Technologies AG SBL52414G Datasheet HTML 8Page - Infineon Technologies AG SBL52414G Datasheet HTML 9Page - Infineon Technologies AG SBL52414G Datasheet HTML 10Page - Infineon Technologies AG SBL52414G Datasheet HTML 11Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
SBL52414x
Eye Safety
Data Sheet
9
2002-05-01
Eye Safety
Ensure to avoid exposure of human eyes to high power laser diode emitted laser beams.
Especially do not look directly into the laser diode or the collimated laser beam when the
diode is activated.
Class 3B Laser Product According to IEC 60825-1
Figure 5
Required Labels
Class IIIb Laser Product According to FDA Regulations Complies with
21 CFR 1040.10 and 1040.11
Figure 6
Required Label
Laser Data
Wavelength
1310 nm
Maximum total output power
less than 50 mW
Beam divergence (1/e
2)10°
INVISIBLE LASER RADIATION
AVOID EXPOSURE TO BEAM
Class 3B Laser Product
SEMICONDUCTOR LASER
INVISIBLE RADIATION
CLASS IIIb LASER PRODUCT
LASER RADIATION - AVOID
DIRECT EXPOSURE TO BEAM


Similar Part No. - SBL52414G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414G INFINEON-SBL52414G Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
More results

Similar Description - SBL52414G

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52444G-FSAN INFINEON-SBH52444G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com