Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SBH52444P-FSAN Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # SBH52444P-FSAN
Description  High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SBH52444P-FSAN Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button SBH52444P-FSAN Datasheet HTML 5Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 6Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 7Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 8Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 9Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 10Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 11Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 12Page - Infineon Technologies AG SBH52444P-FSAN Datasheet HTML 13Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
SBH52444x-FSAN
Eye Safety
Data Sheet
11
2002-05-28
Eye Safety
Ensure to avoid exposure of human eyes to high power laser diode emitted laser beams.
Especially do not look directly into the laser diode or the collimated laser beam when the
diode is activated.
Class 3B Laser Product According to IEC 60825-1
Figure 6
Required Labels
Class IIIb Laser Product According to FDA Regulations Complies with
21 CFR 1040.10 and 1040.11
Figure 7
Required Label
Laser Data
Wavelength
1310 nm
Maximum total output power
less than 50 mW
Beam divergence (1/e
2)10°
INVISIBLE LASER RADIATION
AVOID EXPOSURE TO BEAM
Class 3B Laser Product
SEMICONDUCTOR LASER
INVISIBLE RADIATION
CLASS IIIb LASER PRODUCT
LASER RADIATION - AVOID
DIRECT EXPOSURE TO BEAM


Similar Part No. - SBH52444P-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBH52414G INFINEON-SBH52414G Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414N INFINEON-SBH52414N Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414N-FSAN INFINEON-SBH52414N-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414P-FSAN INFINEON-SBH52414P-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
More results

Similar Description - SBH52444P-FSAN

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SBL52414X INFINEON-SBL52414X Datasheet
237Kb / 4P
   BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
MAY 2002
SBH92314G-FSAN INFINEON-SBH92314G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH92344G-FSAN INFINEON-SBH92344G-FSAN Datasheet
330Kb / 13P
   High Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-28
SBH52414G-FSAN INFINEON-SBH52414G-FSAN Datasheet
307Kb / 12P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52454G-FSAN INFINEON-SBH52454G-FSAN Datasheet
331Kb / 13P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBH52414X INFINEON-SBH52414X Datasheet
279Kb / 11P
   High Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-28
SBM82314G INFINEON-SBM82314G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBL82314G INFINEON-SBL82314G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1550 nm Emitting, 1310 nm Receiving
2002-05-01
SBM52414G INFINEON-SBM52414G Datasheet
278Kb / 11P
   Medium Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
SBL52414G INFINEON-SBL52414G Datasheet
278Kb / 11P
   Low Power BIDI Optical Standard Module 1310 nm Emitting, 1550 nm Receiving
2002-05-01
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com