Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX32914 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EX32914
Description  Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX32914 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EX32914 Datasheet HTML 1Page - Axiomtek Co., Ltd. EX32914 Datasheet HTML 2Page - Axiomtek Co., Ltd. EX32914 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EX32900 Series
www.EtherWAN.com
3
rev. A2
Dimensions
35mm
(1.4”)
26mm
(1.02”)
86mm (3.44”)
76.5mm (3.06”)
Top
Top
8-port model
5-port model
Side
front
front
back
back
Side
Bottom
Bottom
Ordering Information
Model
EX32905
Industrial Unmanaged 5-port 10/100/1000BASE-T Gigabit Ethernet Switch
EX32914-X
Industrial Unmanaged 4-port 10/100/1000BASE-T+ 1-port 1000BASE-X Gigabit Ethernet Switch
EX32908
Industrial Unmanaged 8-port 10/100/1000BASE-T Gigabit Ethernet Switch
EX32917-X
Industrial Unmanaged 7-port 10/100/1000BASE-T+ 1-port 1000BASE-X Gigabit Ethernet Switch
* DIN-Rail mounting kit included
OpticalPortOptions(X)
3
1000BASE-SX(SC)-550m
5
1000BASE-SX(ST)-550m
A
1000BASE-LX(SC)-10km
R
1000BASE-BX(SC) WDM-TX:1310nm/RX:1550nm-20Km
S
1000BASE-BX(SC) WDM-TX:1550nm/RX:1310nm-20Km
OptionalAccessories
DR-30-24
30W/1.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-60-24
60W/2.5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-75-24
75W/3.2A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
DR-120-24
120W/5A DIN-Rail 24VDC Industrial Power Supply (for Terminal Block)
41-136046-X
36W/3A 12VDC hardened power adapter with open wire in aluminum housing (for Terminal Block)
(X) = 1: US, 2: EU, 3: UK, 4: AU, 5: JP, 6: SA


Similar Part No. - EX32914

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
EX320 EXTECH-EX320 Datasheet
302Kb / 1P
   Compact MultiMeters Voltage Detector
More results

Similar Description - EX32914

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX16900 AXIOMTEK-EX16900 Datasheet
405Kb / 3P
   Unmanaged 5/8-port 10/100/1000BASE Ethernet Switch
logo
Advantech Co., Ltd.
EKI-2725-BE ADVANTECH-EKI-2725-BE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725-CE ADVANTECH-EKI-2725-CE Datasheet
285Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-3725-AE ADVANTECH-EKI-3725-AE Datasheet
886Kb / 2P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
EKI-2725 ADVANTECH-EKI-2725 Datasheet
259Kb / 1P
   5-port Gigabit Unmanaged Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGS-1082GP ORING-IGS-1082GP Datasheet
303Kb / 4P
   Industrial 10-port unmanaged Gigabit Ethernet switch
logo
Axiomtek Co., Ltd.
EX35000 AXIOMTEK-EX35000 Datasheet
448Kb / 4P
   Industrial Unmanaged 8-port Gigabit Ethernet Switch
logo
Advantech Co., Ltd.
EKI-3725P-AE ADVANTECH-EKI-3725P-AE Datasheet
603Kb / 2P
   5-port Gigabit Unmanaged PoE Industrial Ethernet Switch
logo
ORing Industrial Networ...
IGPS-1082GP ORING-IGPS-1082GP Datasheet
319Kb / 5P
   Industrial 10-port unmanaged Gigabit PoE Ethernet switch
IGPS-1080-24V ORING-IGPS-1080-24V Datasheet
1Mb / 3P
   Industrial 8-port unmanaged Gigabit PoE Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com