Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EX16905 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # EX16905
Description  Unmanaged 5/8-port 10/100/1000BASE Ethernet Switch
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EX16905 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EX16905 Datasheet HTML 1Page - Axiomtek Co., Ltd. EX16905 Datasheet HTML 2Page - Axiomtek Co., Ltd. EX16905 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
EX16900 Series
www.EtherWAN.com
1
rev. A2
Overview
EtherWAN’s EX16900 Series is a compact Unmanaged Gigabit switching platform, designed for easy deployment in enterprise and
small office/branch office environments
The EX16900 Series is equipped with five or eight Gigabit Ethernet ports, or a combination of Gigabit copper ports and one Gigabit
fiber port for long distance connectivity. Although unmanaged, the EX16900 is feature rich with Jumbo Frame support, full wire
speed Gigabit throughput, QoS support and eco-friendly IEEE802.3az EEE (Energy Efficient Ethernet) compliant, making the EX16900
Series a powerful yet energy efficient network switch.
EtherWAN — "When Connectivity is Crucial."
Spotlight
JumboFrameSupport
◦ Up to 9K bytes (EX16905/EX16914 Series)
◦ Up to 9720 bytes (EX16908/EX16917 Series)
FiberConnectivity
◦ Up to one 1000BASE-SX port with SC, ST and SFP options
CompactSize
◦ Easy to place on the desktop with the dimensions of 160mm (W) x 80.5mm (D) x 28mm (H)
HighReliability
◦ Fanless Design
◦ No moving parts
EX16900Series
Unmanaged5/8-port10/100/1000BASEEthernetSwitch
SFP
Option
UL
60950


Similar Part No. - EX16905

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
EX168-G ETC-EX168-G Datasheet
5Mb / 30P
   ExaGrid Tiered Backup Storage
EX1680-G ETC-EX1680-G Datasheet
5Mb / 30P
   ExaGrid Tiered Backup Storage
More results

Similar Description - EX16905

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EX32900 AXIOMTEK-EX32900 Datasheet
416Kb / 3P
   Industrial Unmanaged 5/8-port 10/100/1000BASE Gigabit Ethernet Switch
logo
Black Box Registered Tr...
SW-105 BLACKBOX-SW-105 Datasheet
1Mb / 4P
   5 Port Unmanaged Ethernet Switch 10/100
SW-108 BLACKBOX-SW-108 Datasheet
1Mb / 4P
   8 Port Unmanaged Ethernet Switch 10/100
logo
Zarlink Semiconductor I...
MDS105 ZARLINK-MDS105 Datasheet
307Kb / 35P
   Unmanaged 5-Port 10/100 Mbps Ethernet Switch
logo
Axiomtek Co., Ltd.
EX45900 AXIOMTEK-EX45900 Datasheet
461Kb / 3P
   Hardened Unmanaged 5-port 10/100/1000BASE
logo
ASIX Electronics Corpor...
AX88655AB ASIX-AX88655AB Datasheet
266Kb / 33P
   5-Port 10/100/1000BASE-T Ethernet Switch
AX88655P ASIX-AX88655P Datasheet
844Kb / 40P
   5-Port 10/100/1000BASE-T Ethernet Switch
AX88658AB ASIX-AX88658AB Datasheet
328Kb / 36P
   8-Port 10/100/1000BASE-T Ethernet Switch
logo
Black Box Registered Tr...
SW-104 BLACKBOX-SW-104 Datasheet
1Mb / 4P
   4 Port Unmanaged Ethernet Switch 10/100
logo
ORing Industrial Networ...
TES-150-M12 ORING-TES-150-M12 Datasheet
3Mb / 4P
    5-port unmanaged Ethernet switch
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com