Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HSMR-C280 Datasheet(PDF) 7 Page - AVAGO TECHNOLOGIES LIMITED

Part # HSMR-C280
Description  Miniature ChipLED
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HSMR-C280 Datasheet(HTML) 7 Page - AVAGO TECHNOLOGIES LIMITED

  HSMR-C280 Datasheet HTML 1Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 2Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 3Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 4Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 5Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 6Page - AVAGO TECHNOLOGIES LIMITED HSMR-C280 Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
PRECAUTIONARY NOTES
1.
Handling of moisture sensitive device
This product has a Moisture Sensitive Level 2a rating per JEDEC J-STD-020. Refer to Avago Application Note
AN5305
, Handling of Moisture Sensitive Surface Mount Devices, for additional details and a review of proper
handling procedures.
(a) Before use
- An unopened moisture barrier bag (MBB) can be stored at <40°C/90%RH for 12 months. If the actual shelf
life has exceeded 12 months and the humidity Indicator Card (HIC) indicates that baking is not required,
then it is safe to reflow the LEDs per the original MSL rating.
- It is recommended that the MBB not be opened prior to assembly (e.g. for IQC).
(b) Control after opening the MBB
- The humidity indicator card (HIC) shall be read immediately upon opening of MBB.
- The LEDs must be kept at <30°C / 60%RH at all times and all high temperature related processes including
soldering, curing or rework need to be completed within 672 hours.
(c)
Control for unfinished reel
- Unused LEDs must be stored in a sealed MBB with desiccant or desiccator at <5%RH.
(d) Control of assembled boards
- If the PCB soldered with the LEDs is to be subjected to other high temperature processes, the PCB need to
be stored in sealed MBB with desiccant or desiccator at <5%RH to ensure that all LEDs have not exceeded
their floor life of 672 hours.
(e)
Baking is required if:
- The HIC indicator is not blue at 10% and is pink at 5%.
- The LEDs are exposed to condition of >30°C / 60% RH at any time.
- The LED floor life exceeded 672hrs.
The recommended baking condition is: 60±5ºC for 20hrs
Baking should only be done once.
Disclaimer
Avago’s products are not specifically designed, manufactured or authorized for sale as parts, components or
assemblies for the planning, construction, maintenance or direct operation of a nuclear facility or for use in
medical devices or applications. Customer is solely responsible, and waives all rights to make claims against
Avago or its suppliers, for all loss, damage, expense or liability in connection with such use.
For product information and a complete list of distributors, please go to our website: www.avagotech.com
Avago, Avago Technologies, and the A logo are trademarks of Avago Technologies in the United States and
other countries. Data subject to change. Copyright © 2005-2014 Avago Technologies. All rights reserved.


Similar Part No. - HSMR-C280

ManufacturerPart #DatasheetDescription
logo
Broadcom Corporation.
HSMR-C230 BOARDCOM-HSMR-C230 Datasheet
792Kb / 10P
   Blue Color Side-Mount ChipLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMR-C265 AVAGO-HSMR-C265 Datasheet
455Kb / 12P
   High Performance Chip LED
logo
Agilent(Hewlett-Packard...
HSMR-C265 HP-HSMR-C265 Datasheet
256Kb / 13P
   Agilent HSMx-C1xx High Performance Chip LED
More results

Similar Description - HSMR-C280

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HSMA-C280 AVAGO-HSMA-C280 Datasheet
93Kb / 8P
   Miniature ChipLED
HSMW-C280 AVAGO-HSMW-C280 Datasheet
383Kb / 8P
   Miniature ChipLED
HSMQ-C280 AVAGO-HSMQ-C280 Datasheet
373Kb / 7P
   Miniature ChipLED
logo
Siemens Semiconductor G...
LGR971 SIEMENS-LGR971 Datasheet
52Kb / 6P
   CHIPLED
LGQ971 SIEMENS-LGQ971 Datasheet
54Kb / 6P
   CHIPLED
logo
OSRAM GmbH
LOR971 OSRAM-LOR971 Datasheet
108Kb / 10P
   CHIPLED
logo
Siemens Semiconductor G...
LYR970 SIEMENS-LYR970 Datasheet
60Kb / 6P
   CHIPLED
LYR976 SIEMENS-LYR976 Datasheet
33Kb / 6P
   CHIPLED
logo
AVAGO TECHNOLOGIES LIMI...
HSMF-C118 AVAGO-HSMF-C118 Datasheet
160Kb / 8P
   TriColor ChipLED
logo
Broadcom Corporation.
HSMR-C170-R0000 BOARDCOM-HSMR-C170-R0000 Datasheet
1Mb / 10P
   Blue ChipLED
logo
OSRAM GmbH
LWQ38E OSRAM-LWQ38E Datasheet
557Kb / 22P
   CHIPLED 0603
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com