Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SAB82525H Datasheet(PDF) 25 Page - Infineon Technologies AG

Part No. SAB82525H
Description  Data Communications ICs
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB82525H Datasheet(HTML) 25 Page - Infineon Technologies AG

Back Button SAB82525H Datasheet HTML 21Page - Infineon Technologies AG SAB82525H Datasheet HTML 22Page - Infineon Technologies AG SAB82525H Datasheet HTML 23Page - Infineon Technologies AG SAB82525H Datasheet HTML 24Page - Infineon Technologies AG SAB82525H Datasheet HTML 25Page - Infineon Technologies AG SAB82525H Datasheet HTML 26Page - Infineon Technologies AG SAB82525H Datasheet HTML 27Page - Infineon Technologies AG SAB82525H Datasheet HTML 28Page - Infineon Technologies AG SAB82525H Datasheet HTML 29Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 126 page
background image
Semiconductor Group
25
82525
82526
82525
82526
SAB
SAB
SAF
SAF
Characteristics: address recognition high byte
Only the high byte of a 2-byte address field will be compared. The whole frame except the first
address byte will be stored in RFIFO. RAL1 contains the second and RHCR the third byte
following the opening flag.
2.3 Transparent Mode 1 (MODE: MDS1, MDS0, ADM = 101)
Characteristics: no address recognition
No address recognition is performed and each frame will be stored in the RFIFO. RAL1
contains the first and RHCR the second byte following the opening flag.
2.4 Transparent Mode 0 (MODE: MDS1, MDS0, ADM = 100)
Characteristics: fully transparent
In extended transparent modes, fully transparent data transmission/reception without HDLC
framing is performed, i.e. without FLAG generation/recognition, CRC generation/check, bit-
stuffing mechanism. This allows user specific protocol variations or the usage of Character
Oriented Protocols (such as IBM BISYNC).
Data transmission is always performed out of the XFIFO. In extended transparent mode 0
(ADM = 0), data reception is done via the RAL1 register, which always contains the actual data
byte assembled at the RxD pin. In extended transparent mode 1 (ADM = 1), the receive data
are additional shifted into the RFIFO.
Also refer to chapter 6.1 and 6.2.
2.5 Extended Transparent Modes 0; 1 (MODE: MDS1, MDS0 = 11)


Similar Part No. - SAB82525H

ManufacturerPart No.DatasheetDescription
Siemens Semiconductor Group
Siemens Semiconductor G...
SAB82525H SIEMENS-SAB82525H Datasheet
741Kb / 126P
   High-Level Serial Communication
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
More results

Similar Description - SAB82525H

ManufacturerPart No.DatasheetDescription
Infineon Technologies AG
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
Siemens Semiconductor Group
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
Infineon Technologies AG
Infineon Technologies A...
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36  37  38  39  40  41  42  43  44  45  46  47  48  49  50  51  52  53  54  55  56  57  58  59  60  61  62  63  64  65  66  67  68  69  70  71  72  73  74  75  76  77  78  79  80  81  82  83  84  85  86  87  88  89  90  91  92  93  94  95  96  97  98  99  100   ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz