Electronic Components Datasheet Search |
|
SAB82525H Datasheet(PDF) 24 Page - Infineon Technologies AG |
|
SAB82525H Datasheet(HTML) 24 Page - Infineon Technologies AG |
24 / 126 page Semiconductor Group 24 82525 82526 82525 82526 SAB SAB SAF SAF The HDLC controller of each channel can be programmed to operate in various modes, which are different in the treatment of the HDLC frame in receive direction. Thus, the receive data flow and the address recognition features can be effected in a very flexible way, which satisfies most requirements. There are 6 different operating modes which can be set via the MODE register. 2 Operating Modes Characteristics: Window size 1, arbitrary message length, address recognition. The HSCX processes autonomously all numbered frames (S-, I-frames) of an HDLC procedure. The HDLC control field, data in the I-field of the frames and an additional status byte is temporarily stored in the RFIFO. The HDLC control field as well as additional information can also be read from special registers (RHCR, RSTA). According to the selected address mode, the HSCX can perform a 2-byte or 1-byte address recognition. If a 2-byte address field is selected, the high address byte is compared with the fixed value FEH or FCH (group address) as well as with two individually programmable values in RAH1 and RAH2 registers. According to the ISDN LAPD protocol, bit 1 of the high byte address will be interpreted as COMMAND/RESPONSE bit (C/R), dependent on the setting of the CRI bit in RAH1, and will be excluded from the address comparison. Similary, two compare values can be programmed in special registers (RAL1, RAL2) for the low address byte. A valid address will be recognized in case the high and low byte of the address field correspond to one of the compare values. Thus, the HSCX can be called (addressed) with 6 different address combinations, however, only the logical connection identified through the address combination RAH1, RAL1 will be processed in the auto-mode, all others in the non-auto mode. HDLC frames with address fields that do not match with any of the address combinations, are ignored by the HSCX. In case of a 1-byte address, RAL1 and RAL2 will be used as compare registers. According to the X.25 LAPB protocol, the value in RAL1 will be interpreted as COMMAND and the value in RAL2 as RESPONSE. After receiving a frame it takes 5 clock cycles to generate the response frame and to start transmission. 2.1 Auto-Mode (MODE: MDS1, MDS0 = 00) Characteristics: address recognition, arbitrary window size. All frames with valid addresses (address recognition identical to auto-mode) are forwarded directly to the system memory. The HDLC control field, data in the I-field and an additional status byte are temporarily stored in the RFIFO. The HDLC control field and additional information can also be read from special registers (RHCR, RSTA). In non-auto mode, all frames are treated similarly. 2.2 Non-Auto Mode (MODE: MDS1, MDS0 = 01) |
Similar Part No. - SAB82525H |
|
Similar Description - SAB82525H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |