Electronic Components Datasheet Search |
|
SAB82525H Datasheet(PDF) 97 Page - Infineon Technologies AG |
|
SAB82525H Datasheet(HTML) 97 Page - Infineon Technologies AG |
97 / 126 page Semiconductor Group 97 SAB 82525 SAB 82526 SAF 82525 SAF 82526 Receive Address Byte Low Register 1 (READ/WRITE) RAL1 (28/68) 70 RAL1 Auto-/non-auto mode (16-bit address) – WRITE only: RAL1 can be programmed with the value of the first individual low address byte. Auto-/non-auto mode (8-bit address) – WRITE only: According to X.25 LAPB protocol, the address in RAL1 is recognized as COMMAND address. Transparent mode 1 (high byte address recognition) – READ only: RAL1 contains the byte following the high byte of the address in the receive frame (i.e. the second byte after the opening flag). Transparent mode 0 (no address recognition) – READ only: RAL1 contains the first byte after the opening flag (first byte of received frame). Extended transparent modes 0, 1 – READ only: RAL1 contains the actual data byte currently assembled at the R × D pin, by passing the HDLC receiver (fully transparent reception without HDLC framing). – – – – – – The general function (READ/WRITE) and the meaning or contents of this register depends on the selected operating mode: Receive Address Byte Low Register 2 (WRITE) RAL2 (29/69) 70 RAL2 Value of the second individual programmable low address byte. If a one byte address field is selected, RAL2 is recognized as RESPONSE according to X.25 LAPB protocol. |
Similar Part No. - SAB82525H |
|
Similar Description - SAB82525H |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |