Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82525H Datasheet(PDF) 64 Page - Infineon Technologies AG

Part # SAB82525H
Description  Data Communications ICs
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB82525H Datasheet(HTML) 64 Page - Infineon Technologies AG

Back Button SAB82525H Datasheet HTML 60Page - Infineon Technologies AG SAB82525H Datasheet HTML 61Page - Infineon Technologies AG SAB82525H Datasheet HTML 62Page - Infineon Technologies AG SAB82525H Datasheet HTML 63Page - Infineon Technologies AG SAB82525H Datasheet HTML 64Page - Infineon Technologies AG SAB82525H Datasheet HTML 65Page - Infineon Technologies AG SAB82525H Datasheet HTML 66Page - Infineon Technologies AG SAB82525H Datasheet HTML 67Page - Infineon Technologies AG SAB82525H Datasheet HTML 68Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 64 / 126 page
background image
Semiconductor Group
64
SAB 82525
SAB 82526
SAF 82525
SAF 82526
CTS Signal Clock Mode 5
In clock mode 5 the CTS signal is evaluated not only in the time-slot "window", but also
between the time-slot "windows". CTS must not be disabled during the transmission of a
frame. Even between the time-slot "windows" CTS has to be active until the transmission of
the frame has been completed. Thus, CTS cannot be used to select/deselect particular time-
slot "windows" for HSCX.
Note: In the case where permission to transmit is not required, the CTSA/CTSB inputs can be
connected directly to VSS.
Additionally, any state transition on the CTS input pin will generate an interrupt indicated via
the EXIR register, if this function is enabled by setting the CIE bit in the CCR2 register.
Figure 31
RTS-CTS Handshaking
ITT00244
Sampling
CTS
T CLK
x
xD
T
RTS
Carrier Detect (CD) Receiver Control
Similar to the RTS/CTS control for the transmitter, the HSCX supports the carrier detect
modem control function for the serial receivers, if the Carrier Detect Auto Start (CAS) function
is programmed setting the CAS bit in the XBCH register. This function is always available in
clock modes 0, 2, 3 via the A
×CLK pin, and in clock modes 4, 6, 7 via the T × CLK pin only if it
has been programmed as input clearing the TIO bit in the CCR2 register. In clock mode 1 the
CD function is not supported (see table 6 for an overview).
If the CAS function is selected, the respective HDLC receiver is enabled and data reception is
started when an high level is sampled at the CD input.


Similar Part No. - SAB82525H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525H SIEMENS-SAB82525H Datasheet
741Kb / 126P
   High-Level Serial Communication
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
More results

Similar Description - SAB82525H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com