Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82525H Datasheet(PDF) 5 Page - Infineon Technologies AG

Part # SAB82525H
Description  Data Communications ICs
Download  126 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB82525H Datasheet(HTML) 5 Page - Infineon Technologies AG

  SAB82525H Datasheet HTML 1Page - Infineon Technologies AG SAB82525H Datasheet HTML 2Page - Infineon Technologies AG SAB82525H Datasheet HTML 3Page - Infineon Technologies AG SAB82525H Datasheet HTML 4Page - Infineon Technologies AG SAB82525H Datasheet HTML 5Page - Infineon Technologies AG SAB82525H Datasheet HTML 6Page - Infineon Technologies AG SAB82525H Datasheet HTML 7Page - Infineon Technologies AG SAB82525H Datasheet HTML 8Page - Infineon Technologies AG SAB82525H Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 126 page
background image
General Information
Semiconductor Group
5
Advanced CMOS technology
Low power consumption: active 25 mW at 4 MHz
standby 4 mW
General
The SAB 82525 is a High-Level Serial Communication Controller compatible to the SAB 82520
HSCC with extended features and functionality (HSCX).
The SAB 82526 is pin and software compatible to the SAB 82525, realizing one HDLC channel
(channel B).
The HSCX has been designed to implement high-speed communication links using HDLC
protocols and to reduce the hardware and software overhead needed for serial synchronous
communications.
Due to its 8-bit demultiplexed adaptive bus interface it fits perfectly into every Siemens/Intel or
Motorola 8- or 16-bit microcontroller or microprocessor system. The data through-put from/to
system memory is optimized transferring blocks of data (usually 32 bytes) by means of DMA
or interrupt request. Together with the storing capacity of up to 64 bytes in on-chip FIFO’s, the
serial interfaces are effectively decoupled from the system bus which drastically reduces the
dynamic load and reaction time of the CPU.
The HSCX directly supports the X.25 LAPB, the ISDN LAPD, and SDLC (normal response
mode) protocols and is capable of handling a large set of layer-2 protocol functions
independently from the host processor.
Furthermore, the HSCX opens a wide area for applications which use time division multiplex
methods (e.g. time-slot oriented PCM systems, systems designed for packet switching, ISDN
applications) by its programmable telecom-specific features.
The HSCX is fabricated using Siemens advanced ACMOS 3 technology and available in a
P-LCC-44 pin package.
The data link controller handles all functions necessary to establish and maintain an HDLC
data link, such as
– Flag insertion and detection,
– Bit stuffing,
– CRC generation and checking,
– Address field recognition.
Associated with each serial channel is a set of independent command and status registers
(SP-REG) and 64-byte deep FIFO’s for transmit and receive direction.
DMA capability has been added to the HSCX by means of a 4-channel DMA interface
(SAB 82525) with one DMA request line for each transmitter and receiver of both channels.


Similar Part No. - SAB82525H

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82525H SIEMENS-SAB82525H Datasheet
741Kb / 126P
   High-Level Serial Communication
SAB82525H-V21 SIEMENS-SAB82525H-V21 Datasheet
741Kb / 126P
   High-Level Serial Communication Controller Extended
More results

Similar Description - SAB82525H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com