Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC400 Datasheet(PDF) 2 Page - Axiomtek Co., Ltd.

Part # EMC400
Description  4-Bay Commercial Media Converter Chassis
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EMC400 Datasheet(HTML) 2 Page - Axiomtek Co., Ltd.

  EMC400 Datasheet HTML 1Page - Axiomtek Co., Ltd. EMC400 Datasheet HTML 2Page - Axiomtek Co., Ltd. EMC400 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
EMC400
www.EtherWAN.com
2
Hardware Specifications
rev. A4.2
Environment
Operating Temperature
•-20°C to 60°C (-4°F to 140°F)
Storage Temperature
•-20°C to 70°C (-4°F to 158°F)
Ambient Relative Humidity
•5% to 95% (non-condensing)
Regulatory Approvals
ISO
•Manufactured in an ISO9001 facility
EMI
FCC Part 15B, Class A
EN61000-6-4
•EN55022
EMS
EN61000-6-2
EN61000-4-2 (ESD Standards)
EN61000-4-3 (Radiated RFI Standards)
EN61000-4-4 (Burst Standards)
EN61000-4-5 (Surge Standards)
EN61000-4-6 (Induced RFI Standards)
EN61000-4-8 (Magnetic Field Standards)
Environmental Test Compliance
IEC60068-2-6 Fc (Vibration)
IEC60068-2-27 Ea (Shock)
IEC60068-2-32 Ed (Free fall)
Power
Input
•Power supply input: 90 - 264VAC
•EMC400 chassis input: 12VDC
Wiring
•Minimum cable AWG: 16 AWG
Power Consumption
•Max. 19W@ Full installation, depending on installed devices
Protection
•Over current protection
Mechanical
Casing
•Steel Electrogalvanized ColdRolled Coil (SECC)
Dimensions
•130mm(W) x 164mm(D) x 92.1mm(H)
(5.12"(W) x 6.46"(D) x 3.63"(H))
Weight
•1.37kg (3.02lb)
Installation
•DIN-Rail
Interface
LED Indicators
• 1: On, power input 1 is connected
Off, power input 1 is disconnected
• 2: On, power input 2 is connected
Off, power input 2 is disconnected
Application Diagram
RJ45
RJ45
RJ45
RJ45
SC/ST Fiber
SFP Fiber
RJ11
Coaxial Cable
EMC400
Managed Switch
Fiber-
optic
Coaxial-
Cable
Cat.5
Ethernet
Tele
Wire
phone
The EMC400 provides easy DIN-Rail installation and multiple media conversions.


Similar Part No. - EMC400

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC4001 SMSC-EMC4001 Datasheet
2Mb / 46P
   USB 2.0 High-Speed 4-Port Hub Controller
More results

Similar Description - EMC400

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EMC1600 AXIOMTEK-EMC1600 Datasheet
615Kb / 3P
   16-Bay Media Converter and Ethernet Extender Chassis
EMC1200R AXIOMTEK-EMC1200R Datasheet
564Kb / 4P
   12-Bay Media Converter System
logo
Advantech Co., Ltd.
851-10912 ADVANTECH-851-10912 Datasheet
569Kb / 2P
   Ethernet-based, Modular Media Converter Chassis
851-10904 ADVANTECH-851-10904 Datasheet
520Kb / 2P
   Ethernet-based, Modular Media Converter Chassis
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
logo
Tripp Lite. All Rights ...
N785-CH75W-AC TRIPPLITE-N785-CH75W-AC Datasheet
52Kb / 2P
   AC Power Supply for N785-CH12 Media Converter Chassis, 75W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com