Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMC400 Datasheet(PDF) 3 Page - Axiomtek Co., Ltd.

Part # EMC400
Description  4-Bay Commercial Media Converter Chassis
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EMC400 Datasheet(HTML) 3 Page - Axiomtek Co., Ltd.

  EMC400 Datasheet HTML 1Page - Axiomtek Co., Ltd. EMC400 Datasheet HTML 2Page - Axiomtek Co., Ltd. EMC400 Datasheet HTML 3Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
EMC400
www.EtherWAN.com
3
rev. A4.2
Dimensions
92.1mm (3.63”)
Front
Side
Top
Back
146.5mm (5.75”)
139mm (5.47”)
164mm (6.46”)
Ordering Information
Model
EMC400-EPWS
4-Slot DIN-Rail Media Converter Chassis with two DR-30-12 Power Supplies in the Package
EMC400
4-Slot DIN-Rail Media Converter Chassis
* DIN-Rail mounting kit is included


Similar Part No. - EMC400

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
EMC4001 SMSC-EMC4001 Datasheet
2Mb / 46P
   USB 2.0 High-Speed 4-Port Hub Controller
More results

Similar Description - EMC400

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
EMC1600 AXIOMTEK-EMC1600 Datasheet
615Kb / 3P
   16-Bay Media Converter and Ethernet Extender Chassis
EMC1200R AXIOMTEK-EMC1200R Datasheet
564Kb / 4P
   12-Bay Media Converter System
logo
Advantech Co., Ltd.
851-10912 ADVANTECH-851-10912 Datasheet
569Kb / 2P
   Ethernet-based, Modular Media Converter Chassis
851-10904 ADVANTECH-851-10904 Datasheet
520Kb / 2P
   Ethernet-based, Modular Media Converter Chassis
logo
Glenair, Inc.
050_113 GLENAIR-050_113 Datasheet
627Kb / 15P
   Media Converter
050-110 GLENAIR-050-110 Datasheet
758Kb / 13P
   Media Converter
050-112 GLENAIR-050-112 Datasheet
607Kb / 15P
   Media Converter
050-113 GLENAIR-050-113 Datasheet
627Kb / 15P
   Media Converter
050-115 GLENAIR-050-115 Datasheet
588Kb / 13P
   Media Converter
logo
Tripp Lite. All Rights ...
N785-CH75W-AC TRIPPLITE-N785-CH75W-AC Datasheet
52Kb / 2P
   AC Power Supply for N785-CH12 Media Converter Chassis, 75W
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com