Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

EBOX730-860-FL Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part No. EBOX730-860-FL
Description  204-pin DDR3-1066/1333 SO-DIMM max. up to 16 GB
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

EBOX730-860-FL Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  EBOX730-860-FL_16 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
269
* All specifications and photos are subject to change without notice.
Features
eBOX730-860-FL
Fanless Embedded System with Intel®
Core™ i7/i3 & Celeron® Processor,
Isolated COM and Digital I/O
Packing List
Ordering Information
Power Protection
1 x quick manual
1 x driver CD
1 x screw pack
4 x foot pad
1 x CF mylar
1 x DVI to VGA Connector
3 x DI/O connectors
1 x DC-in connector
Standard
eBOX730-860-FL
-2610UE-DC
Fanless embedded system with Intel® Core™ i7-2610UE
2.4 GHz processor, DVI-I, 2 DisplayPort, 2 GbE LAN, 6 USB,
8 isolated RS-232/422/485 and wide-range DC-in
eBOX730-860-FL
-2340UE-DC
Fanless embedded system with Intel® Core™ i3-2340UE
1.3 GHz processor, DVI-I, 2 DisplayPort, 2 GbE LAN, 6 USB,
8 isolated RS-232/422/485 and wide-range DC-in
eBOX730-860-FL
-B810E-DC
Fanless embedded system with Intel® Celeron® B810E 1.6
GHz processor, DVI-I, 2 DisplayPort, 2 GbE LAN, 6 USB, 8
isolated RS-232/422/485 and wide-range DC-in
Optional
2.5” SATA HDD
2.5” SATA SSD
DDR3 SO-DIMM
CFast™
Wi-Fi module
3G module
GPS module
Graphic codec module
Wall mount kit
AC power kit
40 GB or above
4 GB or above
1 GB ~ 16 GB
512 MB or above
*Specifications and certifications are based on options and may vary.
DC Version
OVP (over voltage protection)
UVP (under voltage protection)
OCP (over current protection)
OTP (over temperature protection)
Reverse protection
Specifications
Standard Color
Silver-Black
Construction
Aluminum extrusion and heavy-duty steel, IP40
CPU
Intel® Core™ i7-2610UE/ i3-2340UE/ Celeron® B810
processor
System Memory
2 x 204-pin DDR3-1066/1333 SO-DIMM max. up to 16 GB
Chipset
Intel® QM67
BIOS
AMI UEFI BIOS
System I/O Outlet
8 x isolated RS-232/422/485 (COM1 ~ 8)
1 x DVI-I
2 x DisplayPort
1 x Audio (Mic-in/Line-out)
2 x 10/100/1000Mbps Ethernet (Intel
® 82574IT & 82579LM)
4 x USB 2.0
2 x USB 3.0
16 Isolated DI/DO (8 IN & 8 OUT)
2 x SMA type connector opening for antenna
1 x VDC power input connector
1 x ATX power switch
Watchdog Timer
255 levels, 1~255 sec.
Storage
1 x 2.5” SATA3 HDD drive bay
1 x CFast™ slot
Expansion Interface
2 x PCI Express Mini Card slots (USB+PCI Express signal)
2 x SIM slots
System Indicator
1 x green LED for system power-on
1 x orange LED for HDD active
2 x WWAN LED for status
8 x COM LED for status
2 x programmable LED
Power Supply
10 - 35VDC
Operating Temperature
-20°C ~ +70°C (-4°F ~ +158°F) (with W.T. SSD)
Storage Temperature
-30°C ~ +80°C (-22°F ~ +176°F)
Humidity
10% ~ 90% , non-condensing
Vibration Endurance
3 Grms w/ CFast™ (5 - 500Hz, X, Y, Z directions)
Dimensions
250 mm (9.84") (W) x 150 mm (5.9") (D) x 60 mm (2.36") (H)
Weight (net/gross)
3.8 kg (8.37 lb)/ 4.6 kg (10.14 lb)
Certificate
CE
EOS Support
WE8S, WES7, Linux
Dimensions
Intel® Core™ i7/i3 &
Celeron® processor
2 DisplayPort
Wide range
DC-in
Isolated DI/DO
Easy access
CFast™ slot
DVI-I
2 USB 3.0
2 PCI Express Mini Card slots
2 Isolated RS-232/422/485
6 Isolated RS-232/422/485
Rear view
Front view
2nd generation Intel® Core™ i7/i3 & Celeron® B810 processor
Intel® QM67 chipset
204-pin DDR3-1066/1333 SO-DIMM max. up to 16 GB
8 isolated RS-232/422/485 ports
Supports Jumbo Frame (9k), WoL, PXE Remote Boot, vPRO,
iAMT, Teaming
One 2.5” SATA3 drive bay, CFast™
2 internal PCI Express Mini Card slots
Fanless
Low Power
DDR3
DDR3
DDR3
USB 3.0
USB
USB
IP40
AiRD
EN60950


Html Pages

1 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn