Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82532H Datasheet(PDF) 13 Page - Siemens Semiconductor Group

Part # SAB82532H
Description  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82532H Datasheet(HTML) 13 Page - Siemens Semiconductor Group

Back Button SAB82532H Datasheet HTML 9Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 10Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 11Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 12Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 13Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 14Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 15Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 16Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 17Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 272 page
background image
SAB 82532/SAF 82532
Introduction
Semiconductor Group
13
07.96
28
63
RES
I
Reset
A high signal on this pin forces the ESCC2
into reset state. During Reset the ESCC2
is in power up mode, after Reset in
power-down mode. Re-activation of each
channel is done via bit CCR0:PU (refer to
chapter 9.2).
During Reset
– all uni-directional output stages are in
high-impedance state,
– all bi-directional output stages (data
bus) are in high-impedance state,
– output XTAL2 is in high-impedance if
input XTAL1 is ‘high’ (the internal
oscillator is disabled during reset),
– signals RD and INTA have to be ‘high’
10
42
BHE/
BLE
I
Bus High Enable
(Siemens/Intel bus mode)
If 16-bit bus interface mode is enabled,
this signal indicates a data transfer on the
upper byte of the data bus (D8…D15). In
8-bit bus interface mode this signal has no
function and should be tied to
V
DD. Refer
to chapter 3.1 for detailed information.
Bus Low Enable (Motorola bus mode)
If 16-bit bus interface mode is enabled,
this signal indicates a data transfer on the
lower byte of the data bus (D0 … D7). In
8-bit bus interface mode this signal has no
function and should be tied to
V
DD. Refer
to chapter 3.1 for detailed information.
29
64
WIDTH
I
Width Of Bus Interface
(Bus Interface Mode)
A low signal on this input selects the 8-bit
bus interface mode. A high signal on this
input selects the 16-bit bus interface
mode. In this case word transfer to/from
the internal registers is enabled.
Moreover, byte transfers (in conjunction
with A0 and BHE/BLE) are allowed, too.
1.3
Pin Definitions and Functions (cont’d)
Pin No.
Symbol
Input (I)
Output (O)
Function
P-LCC-68
P-MQFP-80


Similar Part No. - SAB82532H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82538 INFINEON-SAB82538 Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H INFINEON-SAB82538H Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H-10 INFINEON-SAB82538H-10 Datasheet
2Mb / 253P
   ICs for Communications
03.95
More results

Similar Description - SAB82532H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com