Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82532H Datasheet(PDF) 93 Page - Siemens Semiconductor Group

Part # SAB82532H
Description  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82532H Datasheet(HTML) 93 Page - Siemens Semiconductor Group

Back Button SAB82532H Datasheet HTML 89Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 90Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 91Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 92Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 93Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 94Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 95Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 96Page - Siemens Semiconductor Group SAB82532H Datasheet HTML 97Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 272 page
background image
SAB 82532/SAF 82532
Serial Interface (layer-1 functions)
Semiconductor Group
93
07.96
allowed a second bus access. When ten consecutive ‘1’s have been detected,
transmission is allowed again and the priority class is increased (to eight ‘1’s).
Inside a priority class, the order of transmission (individual priority) is based on the HDLC
address, as explained in the preceding paragraph. Thus, when a collision occurs, it is
always the station transmitting the only ‘zero’ (i.e. all other stations transmit a ‘one’) in a
bit position of the address field that wins, all other stations cease transmission
immediately.
8.3.4
Timing Modes
If a bus configuration has been selected, the ESCC2 provides two timing modes,
differing in the time interval between sending data and evaluation of the transmitted data
for collision detection.
1. Timing mode 1 (CCR0: SC1, SC0 = ‘01’)
Data is output with the rising edge of the transmit clock via the TxD pin, and evaluated
1/2 a clock period later at the CxD pin with the falling clock edge.
2. Timing mode 2 (CCR0: SC1, SC0 = ‘11’)
Data is output with the falling clock edge and evaluated with the next falling clock
edge. Thus one complete clock period is available between the instant when data is
output and collision detection.
8.3.5
Functions of RTS Output
In clock modes 0, 1 and 4, the RTS output can be programmed via CCR2 (SOC bits) to
be active when data (frame or character) is being transmitted. This signal is delayed by
one clock period with respect to the data output TxD, and marks all data bits that could
be transmitted without collision. In this way a configuration may be implemented in which
the bus access is resolved on a local basis (collision bus) and where the data are sent
one clock period later on a separate transmission line.
Figure 41
Request-to-Send in Bus Operation
Note: For details on the functions of the RTS pin refer to chapter 8.5.


Similar Part No. - SAB82532H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82538 INFINEON-SAB82538 Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H INFINEON-SAB82538H Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H-10 INFINEON-SAB82538H-10 Datasheet
2Mb / 253P
   ICs for Communications
03.95
More results

Similar Description - SAB82532H

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com