Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82538H-10 Datasheet(PDF) 43 Page - Infineon Technologies AG

Part # SAB82538H-10
Description  ICs for Communications
Download  253 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

SAB82538H-10 Datasheet(HTML) 43 Page - Infineon Technologies AG

Back Button SAB82538H-10 Datasheet HTML 39Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 40Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 41Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 42Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 43Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 44Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 45Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 46Page - Infineon Technologies AG SAB82538H-10 Datasheet HTML 47Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 253 page
background image
SAB 82538
SAF 82538
Semiconductor Group
43
Interrupt priority mode 3: Rotating priority of 7 channels
With IVA.ROT = 1 and IPC.ROTM = 1 the priority adjustment is performed only on
7 channels while one channel is fixed to the highest priority level. As described in
“Interrupt Priority Mode 1” for fixed priority scheme, selection of the “highest priority”
channel is simply done with every write access to the IVA register in conjunction with the
channel assigned IVA register address:
IVA Register Address:
Highest Priority Channel
38H
0
78H
1
B8H
2
F8H
3
138H
4
178H
5
1B8H
6
1F8H
7
If the highest priority channel generates an interrupt and gets serviced by reading the
interrupt vector or the interrupt status register of that channel a reordering of the other
channels will not take place. The dynamic adjustment of the channel priorities does not
affect the interrupt group of an interrupt even if it is the highest priority channel.
Example:
Let the channel priorities be labeled as follows with channel “2” as fixed highest priority
channel:
2
5
6
7
01
34
pp
in descending order. Supposing the channel labeled “7” generates an interrupt which is
serviced because no unmasked higher priority is pending, the channels will be reordered
as follows:
2
0
1
3
45
67
pp
Even if the same channel generates another interrupt, it will not be serviced before at
least one other channel (if any) requesting service by that time. If the channel labeled “2”
now generates an interrupt which gets serviced the order is to be the same as above:
2
0
1
3
45
67
pp
Note: Parallel ports have always lowest priority.


Similar Part No. - SAB82538H-10

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB82532 SIEMENS-SAB82532 Datasheet
3Mb / 272P
   ICs for Communications
SAB82532H SIEMENS-SAB82532H Datasheet
3Mb / 272P
   ICs for Communications
SAB82532H-10 SIEMENS-SAB82532H-10 Datasheet
3Mb / 272P
   ICs for Communications
SAB82532N SIEMENS-SAB82532N Datasheet
3Mb / 272P
   ICs for Communications
SAB82532N-10 SIEMENS-SAB82532N-10 Datasheet
3Mb / 272P
   ICs for Communications
More results

Similar Description - SAB82538H-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com