Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAB82532N-10 Datasheet(PDF) 80 Page - Siemens Semiconductor Group

Part # SAB82532N-10
Description  ICs for Communications
Download  272 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB82532N-10 Datasheet(HTML) 80 Page - Siemens Semiconductor Group

Back Button SAB82532N-10 Datasheet HTML 76Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 77Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 78Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 79Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 80Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 81Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 82Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 83Page - Siemens Semiconductor Group SAB82532N-10 Datasheet HTML 84Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 272 page
background image
SAB 82532/SAF 82532
Serial Interface (layer-1 functions)
Semiconductor Group
80
07.96
8
Serial Interface (layer-1 functions)
The two serial interfaces of the ESCC2 provide two fully independent communication
channels, supporting layer-1 functions to a high degree by various means of clock
generation and clock recovery.
Note: Since the two serial channels are completely independent, the functions described
in this document apply to both channels A and B. For simplification purposes the
indices A and B will usually be omitted from the signal names, and are implied.
8.1
Clock Modes
The ESCC2 includes an internal Oscillator (OSC) as well as independent Baud Rate
Generator (BRG) and Digital Phase Locked Loop (DPLL) circuitry for each serial
channel.
The transmit and receive clock can be generated either
• externally, and supplied via the RxCLK and/or TxCLK pins, or
• internally, by means of the
– OSC and/or BRG, and
– DPLL, recovering the receive (and optionally transmit) clock from the received data
stream.
There are a total of 8 different clocking modes programmable via the CCR1 register,
providing a wide variety of clock generation and clock pin functions, as shown in table 4:
Table 4
Overview of Clock Modes
Clock
Type
Source
Generation
Mode
Receive
Clock
RxCLK Pins
DPLL
OSC
BRG
Externally
Internally
0, 1, 5
2, 3a, 6, 7a
4
3b, 7b
Transmit
Clock
TxCLK Pins
RxCLK Pins
DPLL
BRG ./.16
OSC
BRG
Externally
Internally
0a, 2a, 6a
1,5
3a, 7a
2b, 6b
4
0b, 3b, 7b


Similar Part No. - SAB82532N-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
SAB82538 INFINEON-SAB82538 Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H INFINEON-SAB82538H Datasheet
2Mb / 253P
   ICs for Communications
03.95
SAB82538H-10 INFINEON-SAB82538H-10 Datasheet
2Mb / 253P
   ICs for Communications
03.95
More results

Similar Description - SAB82532N-10

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PEB20320 INFINEON-PEB20320 Datasheet
2Mb / 252P
   ICs for Communications
Version 3.4 01.2000
PEB20550 INFINEON-PEB20550 Datasheet
1Mb / 407P
   ICs for Communications
Versions 1.3 01.96
PEB20570 INFINEON-PEB20570 Datasheet
3Mb / 291P
   ICs for Communications
Version 2.1 2003-08
PXB4340E INFINEON-PXB4340E Datasheet
2Mb / 185P
   ICs for Communications
Version 1.1 04.2000
logo
Siemens Semiconductor G...
TUA4306 SIEMENS-TUA4306 Datasheet
309Kb / 33P
   ICs for Communications
PMB2333 SIEMENS-PMB2333 Datasheet
1Mb / 69P
   ICs for Communications
logo
Infineon Technologies A...
PXB4360F INFINEON-PXB4360F Datasheet
869Kb / 66P
   ICs for Communications
Version 1.10 7.2000
PEB20560 INFINEON-PEB20560 Datasheet
3Mb / 433P
   ICs for Communications
Version 2.1 2003-08
PEF2015 INFINEON-PEF2015 Datasheet
1Mb / 84P
   ICs for Communications
Version 1.1 12.97
PEB2254 INFINEON-PEB2254 Datasheet
16Kb / 3P
   ICs for Communications
10.97
PEB20324 INFINEON-PEB20324 Datasheet
705Kb / 63P
   ICs for Communications
Version 2.2 04.99
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com