Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE7438M Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE7438M
Description  N-Channel 30-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE7438M Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE7438M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE7438M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE7438M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE7438M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE7438M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE7438M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE7438M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE7438M
N-Channel 30-V MOSFET
VER 1.1
6
Packing Information
DFN5*6-8L
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.85
0.95
1.00
0.033
0.037
0.039
A1
0.00
0.05
0.000
0.002
b
0.30
0.40
0.50
0.012
0.016
0.020
c
0.15
0.20
0.25
0.006
0.008
0.010
D
5.20 BSC
0.205 BSC
D1
4.35 BSC
0.171 BSC
E
5.55 BSC
0.219 BSC
E1
6.05 BSC
0.238 BSC
E2
3.62 BSC
0.143 BSC
e
1.27 BSC
0.050 BSC
L
0.45
0.55
0.65
0.018
0.022
0.026
L1
0
0.15
0
0.006
L2
0.68 REF
0.027 REF
θ
0
O
10
O
0
O
10
O


Similar Part No. - ACE7438M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE7430LA ACE-ACE7430LA Datasheet
189Kb / 3P
   30V, 1.5MHz, 700mA Step-Down Converter
VER 1.1
ACE7433M ACE-ACE7433M Datasheet
393Kb / 7P
   P-Channel 30-V MOSFET
VER 1.1
ACE7436M ACE-ACE7436M Datasheet
392Kb / 7P
   N-Channel 30-V MOSFET, Low thermal impedance
VER 1.1
More results

Similar Description - ACE7438M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4356DY VISHAY-SI4356DY Datasheet
67Kb / 6P
   N-Channel 30-V MOSFET
Rev. B, 14-Apr-03
SI4874BDY VISHAY-SI4874BDY_17 Datasheet
164Kb / 8P
   N-Channel 30-V MOSFET
Rev. C, 06-Apr-09
SI4874BDY VISHAY-SI4874BDY_V01 Datasheet
162Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
SI4430BD VISHAY-SI4430BD_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
logo
Nexperia B.V. All right...
PMPB100ENE NEXPERIA-PMPB100ENE Datasheet
321Kb / 15P
   30 V, N-channel MOSFET
26 April 2018
logo
ACE Technology Co., LTD...
ACE4410M ACE-ACE4410M Datasheet
368Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE1430M ACE-ACE1430M Datasheet
484Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE7402M ACE-ACE7402M Datasheet
391Kb / 7P
   N-Channel 30-V MOSFET
VER 1.1
ACE2308E ACE-ACE2308E Datasheet
381Kb / 6P
   N-Channel 30-V MOSFET
VER 1.1
logo
Vishay Siliconix
SI4430BDY VISHAY-SI4430BDY_V01 Datasheet
166Kb / 8P
   N-Channel 30-V MOSFET
01-Jan-2022
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com