Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EMHJ100ADA471MJA0G Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # EMHJ100ADA471MJA0G
Description  SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

EMHJ100ADA471MJA0G Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  EMHJ100ADA471MJA0G Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Product specifications in this catalog are subject to change without notice.Request our product specifications before purchase and/or use. Please use our products based on the information contained in this catalog and product specifications.
New!
Endurance : 2,000 hours at 125
Rated voltage range : 10 to 35V
Nominal capacitance range : 47 to 470
µF
Solvent resistant type (see PRECAUTIONS AND GUIDELINES)
RoHS Compliant
◆SPECIFICATIONS
(20
℃, 120Hz)
(at 20
℃ after 2 minutes)
(20
℃, 120Hz)
(120Hz)
Category
Temperature Range
Rated Voltage Range
Capacitance Tolerance
Leakage Current
Dissipation Factor
(tanδ)
Low Temperature
Characteristics
(Max. impedance Ratio)
Endurance
Shelf Life
Items
-40 to +125
10
to 35Vdc
±20%(M)
I
=0.01CV
Where, I : Max. leakage current (μA), C : Nominal capacitance (
µF), V : Rated voltage (V)
Rated voltage(Vdc)
tanδ(Max.)
Rated voltage(Vdc)
Z(-25
℃)/Z(+20℃)
Z(-40
℃)/Z(+20℃)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after the rated voltage is applied for 2,000 hours
at 125
℃.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
ESR
(
Ωmax./100kHz)
The following specifications shall be satisfied when the capacitors are restored to 20
℃ after exposing them for 1,000 hours at 125℃ without
voltage applied. Before the measurement, the capacitor shall be preconditioned by applying voltage according to Item 4.1 of JIS C 5101-4.
Capacitance change
≦±30% of the initial value
D.F. (tanδ)
≦300% of the initial specified value
Leakage current
≦The initial specified value
Characteristics
10V
0.30
10V
3
4
16V
2
3
25V
2
3
35V
2
3
16V
25V
35V
0.23
0.18
0.16
F80
20
-40
3.5
40
0.60
4.5
0.40
3.5
HA0
JA0
◆PART NUMBERING SYSTEM
◆DIMENSIONS [mm]
◆MARKING
L
±0.3
0.3max.
A
±0.2
W
Size code
F80
HA0
JA0
φD
6.3
8
10
L
7.7
10.0
10.0
A
6.6
8.3
10.3
B
6.6
8.3
10.3
C
7.2
9.0
11.0
W
0.5 to 0.8
0.7 to 1.1
0.7 to 1.1
P
1.9
3.1
4.5
5j
100
CHJ
EX) 16V100
µF
Rated voltage symbol
Rated voltage (Vdc)
10
16
25
35
Symbol
A
C
E
V
Terminal Code : A
Supplement code
Size code
Capacitance tolerance code
Capacitance code (ex. 47
µF:470, 100µF:101)
Taping code
Terminal code
Voltage code (ex. 16V:160, 35V:350)
Series code
Category
E M H J A A A A D A A A A
A A A G
M
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
◆STANDARD RATINGS
WV(Vdc)
10
16
25
35
Cap(µF)
220
330
330
470
100
100
220
330
470
100
220
330
47
47
100
220
Size code
HA0
HA0
JA0
JA0
F80
HA0
HA0
JA0
JA0
HA0
JA0
JA0
F80
HA0
HA0
JA0
ESR (
Ωmax/100kHz)
−40
3.0
3.0
2.0
2.0
5.0
3.0
3.0
2.0
2.0
3.0
2.0
2.0
5.0
3.0
3.0
2.0
20
0.15
0.15
0.12
0.12
0.45
0.15
0.15
0.12
0.12
0.15
0.12
0.12
0.45
0.15
0.15
0.12
Rated ripple current
(mArms/125
℃, 100kHz)
350
350
550
550
220
350
350
550
550
350
550
550
220
350
350
550
Part No.
EMHJ100ADA221MHA0G
EMHJ100ADA331MHA0G
EMHJ100ADA331MJA0G
EMHJ100ADA471MJA0G
EMHJ160ADA101MF80G
EMHJ160ADA101MHA0G
EMHJ160ADA221MHA0G
EMHJ160ADA331MJA0G
EMHJ160ADA471MJA0G
EMHJ250ADA101MHA0G
EMHJ250ADA221MJA0G
EMHJ250ADA331MJA0G
EMHJ350ADA470MF80G
EMHJ350ADA470MHA0G
EMHJ350ADA101MHA0G
EMHJ350ADA221MJA0G
Lower ESR
MHJ
MHB
Please refer to "Product code guide (surface mount type)"
High heat resistance, 125
SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
CAT. No. E1001L
(1/1)


Similar Part No. - EMHJ100ADA471MJA0G

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
EMHJ100ADA471MJA0G CHEMI-CON-EMHJ100ADA471MJA0G Datasheet
67Kb / 1P
   High heat resistance, 125?
EMHJ100ADA471MJA0G CHEMI-CON-EMHJ100ADA471MJA0G Datasheet
67Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
More results

Similar Description - EMHJ100ADA471MJA0G

ManufacturerPart #DatasheetDescription
logo
NIC-Components Corp.
NAWS NIC-NAWS Datasheet
97Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
logo
Nichicon corporation
EMVH350ARA471MKG5S NICHICON-EMVH350ARA471MKG5S Datasheet
420Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
United Chemi-Con, Inc.
EMVA4R0ADA330MD55G CHEMI-CON-EMVA4R0ADA330MD55G Datasheet
61Kb / 2P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
EMVL6R3ADA220MD60G CHEMI-CON-EMVL6R3ADA220MD60G Datasheet
37Kb / 1P
   SURFACE MOUNT ALUMINUM ELECTROLYTIC CAPACITORS
logo
NIC-Components Corp.
NACNW NIC-NACNW Datasheet
172Kb / 1P
   Surface Mount Aluminum Electrolytic Capacitors
NACX NIC-NACX Datasheet
145Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACY NIC-NACY Datasheet
206Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NATT NIC-NATT Datasheet
49Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NAWU NIC-NAWU Datasheet
224Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
NACK NIC-NACK Datasheet
48Kb / 3P
   Surface Mount Aluminum Electrolytic Capacitors
NACZF NIC-NACZF Datasheet
231Kb / 2P
   Surface Mount Aluminum Electrolytic Capacitors
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com