Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS820-700T Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # TS820-700T
Description  8A SCRs
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

TS820-700T Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  TS820-700T Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 7Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 8Page - Kersemi Electronic Co., Ltd. TS820-700T Datasheet HTML 9Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
TN8, TS8 and TYNx08 Series
5/9
Fig. 3-2: Relative variation of thermal impedance
junction
to
ambient
versus
pulse
duration
(recommended pad layout, FR4 PC board for
DPAK).
Fig. 4-1: Relative variation of gate trigger current
and holding current versus junction temperature
for TS8 series.
Fig. 4-2: Relative variation of gate trigger current
and holding current versus junction temperature
for TN8 & TYN series.
Fig. 5: Relative variation of holding current
versus gate-cathode resistance (typical values)
for TS8 series.
Fig. 6:
Relative variation of dV/dt immunity
versus gate-cathode resistance (typical values)
for TS8 series.
Fig. 7: Relative variation of dV/dt immunity
versus gate-cathode capacitance (typical values)
for TS8 series.
1E-2
1E-1
1E+0
1E+1
1E+2
5E+2
0.01
0.10
1.00
K = [Zth(j-a)/Rth(j-a)]
DPAK
TO-220AB
tp(s)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Rgk = 1k
Tj(°C)
-40
-20
0
20
40
60
80
100
120
140
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
2.4
IGT,IH,IL [Tj] / IGT ,IH,IL [Tj = 25 °C]
IGT
IH & IL
Tj(°C)
IH[Rgk] / IH[Rgk = 1k ]
Rgk(k )
Rgk(k )
dV/dt[Rgk] / dV/dt [Rgk = 220 ]
0
20
40
60
80 100 120 140 160 180 200 220
0.0
2.5
5.0
7.5
10.0
12.5
15.0
VD = 0.67 x VDRM
Tj = 125 °C
Rgk = 220
dV/dt[Cgk] / dV/dt [Rgk = 220
Ω]
Cgk(nF)
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Similar Part No. - TS820-700T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TS820-700T STMICROELECTRONICS-TS820-700T Datasheet
162Kb / 9P
   8A SCRs
TS820-700T-TR STMICROELECTRONICS-TS820-700T-TR Datasheet
162Kb / 9P
   8A SCRs
More results

Similar Description - TS820-700T

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
TN8 STMICROELECTRONICS-TN8 Datasheet
162Kb / 9P
   8A SCRs
TN8 STMICROELECTRONICS-TN8_06 Datasheet
125Kb / 10P
   8A SCRS
logo
Tiger Electronic Co.,Lt...
TS820-600B-TR TGS-TS820-600B-TR Datasheet
102Kb / 1P
   8A SCRs
TS820-600T TGS-TS820-600T Datasheet
98Kb / 1P
   8A SCRs
logo
Nell Semiconductor Co.,...
8PT NELLSEMI-8PT Datasheet
413Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT NELLSEMI-8PT_14 Datasheet
414Kb / 7P
   Sensitive and Standard SCRs, 8A
8PT06AI-S NELLSEMI-8PT06AI-S Datasheet
1Mb / 7P
   Sensitive and Standard SCRs, 8A
logo
Unisonic Technologies
BT169B-T92-B UTC-BT169B-T92-B Datasheet
345Kb / 6P
   SCRS
logo
Central Semiconductor C...
2N660 CENTRAL-2N660 Datasheet
58Kb / 1P
   SCRs
logo
Unisonic Technologies
BT151 UTC-BT151_10 Datasheet
211Kb / 5P
   SCRS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com