Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF32FV Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF32FV
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32FV Datasheet(HTML) 1 Page - Hongfa Technology

  HF32FV Datasheet HTML 1Page - Hongfa Technology HF32FV Datasheet HTML 2Page - Hongfa Technology HF32FV Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Hcf_ Oi5AERE8;779897>97
Fc_f_]nlc]
mnl_hanb
JPOIHC SGMCZ
Eihn[]n l[ncha
0S_m5 fi[^1
1FCQROFP
@;
KTP@7783 KTP6UT8=@;@ 3 KTP8;7783 PJTCT8?7783 KGER RE 7?7777 EGSUKHKGF
978= S_p5 8577
Tn[h^[l^A Cjjlir5 ;<7gXB
T_hmcncp_A Cjjlir5 977gX
Eicf jiq_l
<C 9<7WCE
<C :7WFE
:C 9<7WCE
:C :7WFE
Hcf_ Oi5AG8:;<8>
l_mcmn[h]_
Tbi]e
=eW0859 6 <7wm1
Hcf_ Oi5A;778997;
Y <C mqcn]bcha ][j[\cfcns
Y El__j[a_ ^cmn[h]_A =5<gg 0\_nq__h ]icf . ]ihn[]nm1
Y Fc_f_]nlc] mnl_hanb ;eW 0\_nq__h ]icf [h^ ]ihn[]nm1
Y 8 Hilg C ]ih`caol[ncihm
Y Tn[h^[l^ QED f[sion
Y Qf[mnc] m_[f_^ [h^ `for jlii`_^ nsj_m [p[cf[\f_
Y
Y
Y Ghpclihg_hn[f `lc_h^fs jli^o]n 0SiJT ]igjfc[hn1
Y Ponfch_ Fcg_hmcihmA 08?5; r 8759 r 8<5:1 gg
31*~1?
Khmof[ncih l_mcmn[h]_
D_nq__h ]icf . ]ihn[]nm
D_nq__h ij_h ]ihn[]nm
8777N 0[n <77WFE1
;777WCE 8gch
8777WCE 8gch
5
?gm g[r5
<gm g[r5
=7e g[r5
@?g6m9
87Jt ni <<Jt 85<gg FC
<>-6474,=>;0 47=0;60/4,=0 98@0; ;05,B
.87=,.= /,=,
.3,;,.=0;4<=4.<
877g g[r50[n 8C =WFE1
Eihn[]n [ll[ha_g_hn
Eihn[]n l_mcmn[h]_
Eihn[]n g[n_lc[f
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
N[r5
Wifn[a_
WFE
.845 /,=,
:
<
=
@
89
8?
9;
;?
97r08 87-1
<<r08 87-1
?7 r 08 87-1
8?7r08 87-1
:97r08 87-1
>97r08 87-1
89?7 r 08 87-1
<897 r 08 87-1
959<
:5><
;5<7
=5><
@577
8:5<
8?57
:=57
758<
759<
75:7
75;<
75=7
75@7
8597
95;7
:5@
=5<
>5?
885>
8<5=
9:5;
:859
=95;
:
<
=
@
89
8?
9;
;?
;<r08 87-1
89<r08 87-1
8?7r08 87-1
;77r08 87-1
>97r08 87-1
8=77 r 08 87-1
9?77 r 08 87-1
88<97 r 08 87-1
959<
:5><
;5<7
=5><
@577
8:5<
8?57
:=57
758<
759<
75:7
75;<
75=7
75@7
8597
95;7
;5<
>5<
@57
8:5<
8?57
9>57
:=57
>957
Oigch[f
Wifn[a_
WFE
Eicf
S_mcmn[h]_
Qc]e4oj
Wifn[a_
WFE
g[r5
Flij4ion
Wifn[a_
WFE
gch5
N[r5
Wifn[a_
WFE
<QCLECOE =UNF
<FLPHQHSF =UNF
[n 9:
CaThP93 CaE^P
.845
9>>WCE 6 :7WFE
VM chmof[ncih msmn_gA Ef[mm H
8r87<PQT 0<C 9<7WCE S_mcmncp_ fi[^3
[n liig n_gj53 8m ih @m i``1
< r 87;PQT 0<C 9<7WCE S_mcmncp_ fi[^3
[n ?< 3 8m ih @m i``1
2
2
:1 Kh il^_l ni i\n[ch \_nn_l _f_]nlc][f _h^ol[h]_3 cn/m \_nn_l hin om_
nbcm jli^o]n ch nb_ bcab n_gj_l[nol_ _hpclihg_hn5
8r87>PQT
7MQFP+ 2 N[rcgog pifn[a_ l_`_lm ni nb_ g[rcgog pifn[a_ qbc]b l_f[s
]icf ]iof^ _h^ol_ ch [ mbiln j_lci^ i` ncg_5
81 Ub_ ^[n[ mbiqh [\ip_ [l_ chcnc[f p[fo_m5
91 2Kh^_r cm hin ch l_f[s f_hanb ^cl_]ncih5
89<7WC 6 8<7X
><7WC 6 @7X
<C
:C
8r87<PQT 0:C 9<7WCE S_mcmncp_ fi[^3
[n liig n_gj53 8m ih @m i``1
< r 87;PQT 0:C 9<7WCE S_mcmncp_ fi[^3
[n ?< 3 8m ih @m i``1
?
/0
7MQFP+
N[r5 mqcn]bcha pifn[a_l
N[r5 mqcn]bcha ]oll_hn
N[r5 mqcn]bcha jiq_l
N_]b[hc][f _h^ol[h]_
Tn[h^[l^
Gf_]nlc][f
_h^ol[h]_
Pj_l[n_ ncg_ 0[n higc5 pifn51
S_f_[m_ ncg_ 0[n higc5 pifn51
Eicf n_gj_l[nol_ lcm_0[n higc5 pifn51
Hoh]ncih[f
F_mnlo]ncp_
Qf[mnc] m_[f_^3 Hfor jlii`_^
Cjjlir5 =a
@?7g6m9
Wc\l[ncih l_mcmn[h]_
U_lgch[ncih
Vhcn q_cabn
Eihmnlo]ncih
QED
Jogc^cns
Cg\c_hn n_gj_l[nol_
<- ni ?<- SJ
4;7 ni ?<
2
2
T_hmcncp_
8C
Tola_ qcnbmn[h^ pifn[a_
Qli^o]n ch []]il^[h]_ ni KGE =7::<48 [p[cf[\f_
Tn[h^[l^
T_hmcncp_
Hoh]ncih[f


Similar Part No. - HF32FV

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV-16 HONGFA-HF32FV-16 Datasheet
57Kb / 3P
   SUBMINIATURE HIGH POWER RELAY
HF32FV-G HONGFA-HF32FV-G Datasheet
65Kb / 3P
   SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV-G/12-H-S-L-T-F-G HONGFA-HF32FV-G/12-H-S-L-T-F-G Datasheet
65Kb / 3P
   SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV-G HONGFA-HF32FV-G_17 Datasheet
65Kb / 3P
   SUBMINUATURE INTERMEDIATE POWER RELAY
HF32FV-T HONGFA-HF32FV-T Datasheet
58Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF32FV

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com