Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

594H8302100E Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # 594H8302100E
Description  1 DDR3L SO-DIMM supports up to 8GB memory capacity
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

594H8302100E Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  594H8302100E Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
135
* All specifications and photos are subject to change without notice.
PICO842
Features
Rear view
Intel® Celeron® Processor J1900/N2807
Pico-ITX SBC with LVDS/VGA (HDMI),
LAN & Audio
Intel® Celeron® processor J1900/N2807 (Bay Trail SoC)
1 DDR3L SO-DIMM supports up to 8GB memory capacity
4 USB 2.0 ports
2 COM ports (RS-232/422/485 selectable)
PCI Express Mini Card w/mSATA supported
I/O
Display
System
CPU
Intel® Celeron® processor J1900/N2807
System Memory
1 x 204-pin DDR3L-1066/1333 SO-DIMM max. up to 8 GB
Chipset
SoC integrated
BIOS
AMI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec.
Expansion Interface
1 x Full-size PCI Express Mini Card with mSATA
Battery Lithium
Lithium 3V/220mAH
Power Input
DC power jack connector
+12V DC-in only
AT Auto Power On function supported
Power Requirements
Intel® Celeron® J1900 @ 8 GB DDR3L
Max. RMS. +12V @ 0.9A
Intel® Celeron® N2807 @ 8 GB DDR3L
Max. RMS. +12V @ 0.7A
Size
100 x 72 mm
Board Thickness
1.6 mm
Temperature
-20°C ~ +70°C (-4°F ~ 158°F), operation
Relative Humidity
10% ~ 95% relative humidity, non-condensing
MIO
2 x RS-232/422/485
SATA
1 x SATA-300
Hardware Monitoring
Detect CPU/system temperature and voltage
Ethernet
1 port 10/100/1000 Mbps supports Wake-on-LAN, PXE Boot
ROM with Intel® i211AT
Audio
HD Codec audio as MIC-in/Line-out with Realtek ALC662
USB
4 x USB 2.0
SMBus
System Management Bus for advanced monitoring/control
Digital I/O
NA
TPM
ST ST33TPM12LPC with TPM 1.2 compliant
Chipset
Intel® integrated Gfx graphic engine
Memory Size
Share System memory
Display Interface
1 x VGA or 1 x HDMI
1 x LVDS; 18/24-bit single/dual channel
Full-size PCI Express
Mini Card w/mSATA
supported
Power-on
Reset
Audio
COM
USB 2.0 x4
Red LED: HDD
Green LEF: power-on
DDR3L SO-DIMM
Assembly view
I/O board AX93283
Side view
HDMI
+12V power input
SATA
COM 1/2
Poweron/off,
reset, LED
Audio
VGA
Ordering Information
Standard
PICO842VGA-J1900
(P/N: E38H842100)
Pico-ITX SBC with Intel® Celeron® processor J1900
(2-2.4 GHz, 2 MB Cache, 10W), VGA/LVDS, 1 GbE LAN,
audio and gift box
PICO842VGA-N2807
(P/N: E38H842101)
Pico-ITX SBC with Intel® Celeron® processor N2807
(1.58-2.16 GHz, 1 MB Cache, 4.3W), VGA/LVDS, 1 GbE LAN,
audio and gift box
PICO842HGA-J1900
(P/N: E38H842102)
Pico-ITX SBC with Intel® Celeron® processor J1900
(2-2.4 GHz, 2 MB Cache, 10W), HDMI/LVDS, 1 GbE LAN,
audio and gift box
PICO842HGA-N2807
(P/N: E38H842103)
Pico-ITX SBC with Intel® Celeron® processor N2807
(1.58-2.16 GHz, 1 MB Cache, 4.3W), HDMI/LVDS, 1 GbE
LAN, audio and gift box
Packing List
Standard
Quick installation guide, User’s Manual/Utility CD and cable
Accessories
Part Number
Description
Qty
85932831000
AX93283 I/O board
1
59403208000E
SATA Cable w/lock L=200mm
1
594P8800600E
SATA power cable L=200mm
1
5078H842100E
Heatspreader
1
5078H100200E
Heatsink
1
Optional
Part Number
Description
594H8302800E
USB CABLE 20x2P P=2.0 mm L=200 mm
594H8303000E
AUDIO CABLE 20x2P P=2.0 mm L=200 mm
594H8301600E
Power/Reset button + LED CABLE
594H8302100E
COM CABLE 10x2P P=2.0 mm L=200 mm
59340000200E
USB + Audio + LED cable L=200 mm
DDR3L
DDR3L
DDR3L
PCIe Mini
PCIe Mini
PCIe Mini
+12V
AiRD
Full Solid
Cap Design
Low Power
DualView
Fanless
USB 2.0 1/2/3/4


Similar Part No. - 594H8302100E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
594H8302100E AXIOMTEK-594H8302100E Datasheet
276Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
More results

Similar Description - 594H8302100E

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
PICO841 AXIOMTEK-PICO841 Datasheet
397Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
PICO840 AXIOMTEK-PICO840 Datasheet
276Kb / 1P
   1 DDR3L SO-DIMM supports up to 8GB memory capacity
PICO880 AXIOMTEK-PICO880 Datasheet
237Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA848 AXIOMTEK-CAPA848 Datasheet
326Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO880 AXIOMTEK-PICO880_16 Datasheet
296Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA881 AXIOMTEK-CAPA881_16 Datasheet
322Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA841 AXIOMTEK-CAPA841_16 Datasheet
446Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
NANO840 AXIOMTEK-NANO840 Datasheet
394Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
CAPA842 AXIOMTEK-CAPA842_16 Datasheet
348Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
PICO840 AXIOMTEK-PICO840_16 Datasheet
384Kb / 1P
   1 DDR3L SO-DIMM supports up to 8 GB memory capacity
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com