Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

74F219 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 74F219
Description  64-Bit Random Access Memory with TRI-STATEE Outputs
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

74F219 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  74F219 Datasheet HTML 1Page - National Semiconductor (TI) 74F219 Datasheet HTML 2Page - National Semiconductor (TI) 74F219 Datasheet HTML 3Page - National Semiconductor (TI) 74F219 Datasheet HTML 4Page - National Semiconductor (TI) 74F219 Datasheet HTML 5Page - National Semiconductor (TI) 74F219 Datasheet HTML 6Page - National Semiconductor (TI) 74F219 Datasheet HTML 7Page - National Semiconductor (TI) 74F219 Datasheet HTML 8Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
AC Electrical Characteristics
74F
54F
74F
TA ea25 CTA ea100 C
TA VCC e Com
Symbol
Parameter
VCC ea50V
VCC e Mil
CL e 50 pF
Units
CL e 50 pF
CL e 50 pF
Min
Typ
Max
Min
Max
Min
Max
tPLH
Access Time HIGH or LOW
100
185
260
90
320
100
270
ns
tPHL
An to On
80
135
190
80
230
80
200
tPZH
Access Time HIGH or LOW
35
60
85
35
105
35
95
tPZL
CS to On
50
90
130
50
150
50
140
ns
tPHZ
Disable Time HIGH or LOW
20
40
60
20
80
20
70
tPLZ
CS to On
30
55
80
25
100
30
90
tPZH
Write Recovery Time
65
200
280
65
375
65
290
tPZL
HIGH or LOW WE to On
65
110
155
65
175
65
165
ns
tPHZ
Disable Time HIGH or LOW
40
70
100
35
120
40
110
tPLZ
WE to On
50
90
130
50
150
50
140
AC Operating Requirements
74F
54F
74F
Symbol
Parameter
TA ea25 CTA ea100 C
TA VCC e Com
Units
VCC ea50V
VCC e Mil
Min
Max
Min
Max
Min
Max
ts(H)
Setup Time HIGH or LOW
0
0
0
ts(L)
An to WE
000
ns
th(H)
Hold Time HIGH or LOW
20
20
20
th(L)
An to WE
20
20
20
ts(H)
Setup Time HIGH or LOW
100
110
100
ts(L)
Dn to WE
100
110
100
ns
th(H)
Hold Time HIGH or LOW
0
20
0
th(L)
Dn to WE
0
20
0
ts(L)
Setup Time LOW
000
CS to WE
ns
th(L)
Hold Time LOW
60
75
60
CS to WE
tw(L)
WE Pulse Width LOW
60
150
60
ns
4


Similar Part No. - 74F219

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
logo
NXP Semiconductors
74F219A PHILIPS-74F219A Datasheet
91Kb / 12P
   64-bit TTL bipolar RAM, non-inverting 3-State
1996 Jan 05
logo
Fairchild Semiconductor
74F219PC FAIRCHILD-74F219PC Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
74F219SC FAIRCHILD-74F219SC Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
74F219SJ FAIRCHILD-74F219SJ Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
More results

Similar Description - 74F219

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54F189DL NSC-54F189DL Datasheet
166Kb / 8P
   64-Bit Random Access Memory with TRI-STATEE Outputs
logo
Fairchild Semiconductor
74F189 FAIRCHILD-74F189 Datasheet
58Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
74F219 FAIRCHILD-74F219 Datasheet
52Kb / 6P
   64-Bit Random Access Memory with 3-STATE Outputs
74LS189 FAIRCHILD-74LS189 Datasheet
159Kb / 3P
   64-BIT RANDOM ACCESS MEMORY
logo
National Semiconductor ...
MM54C89 NSC-MM54C89 Datasheet
130Kb / 6P
   64-Bit TRI-STATE Random Access Read/Write Memory
logo
Texas Instruments
SN7489 TI-SN7489 Datasheet
265Kb / 6P
[Old version datasheet]   64-BIT RANDOM-ACCESS READ/WRITE MEMORY
logo
List of Unclassifed Man...
74LS89 ETC1-74LS89 Datasheet
142Kb / 3P
   64-Bit Random Access Memory(Open Collector)
logo
Texas Instruments
MM54C200 TI1-MM54C200 Datasheet
385Kb / 8P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
MM54C910 TI1-MM54C910 Datasheet
394Kb / 10P
[Old version datasheet]   256-Bit TRI-STATE Random Access Read/Write Memory
logo
Fairchild Semiconductor
MM74C89 FAIRCHILD-MM74C89 Datasheet
60Kb / 6P
   64-Bit 3-STATE Random Access Read/Write Memory
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com