Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CEM501 Datasheet(PDF) 1 Page - Axiomtek Co., Ltd.

Part # CEM501
Description  Processor COM Express Type 6 Module
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AXIOMTEK [Axiomtek Co., Ltd.]
Direct Link  http://www.axiomtek.com/
Logo AXIOMTEK - Axiomtek Co., Ltd.

CEM501 Datasheet(HTML) 1 Page - Axiomtek Co., Ltd.

  CEM501 Datasheet HTML 1Page - Axiomtek Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
75
* All specifications and photos are subject to change without notice.
Features
CEM501
6th Generation Intel® Core™ i7/i5/i3
Processor COM Express Type 6 Module
6th generation Intel® Core™ i7/i5/i3 processor (Skylake-U)
2 DDR4-2133 SO-DIMM max. up to 32 GB memory
Max. up to 6 lanes of PCI Express
3 SATA-600
4 USB 3.0 and 8 USB 2.0
I/O
Packing List
System
Quick installation guide
Display
Ordering Information
Standard
CEM501PG-i7-6600U
COM Express type 6 module with 6th generation Intel®
Core™ i7-6600U (2.6 GHz), DP/LVDS, 10/100/1000 Mbps
Ethernet, USB 3.0 and TPM
CEM501PG-i5-6300U
COM Express type 6 module with 6th generation Intel®
Core™ i5-6300U (2.4 GHz), DP/LVDS, 10/100/1000 Mbps
Ethernet, USB 3.0 and TPM
CEM501PG-i3-6100U
COM Express type 6 module with 6th generation Intel®
Core™ i3-6100U (2.3 GHz), DP/LVDS, 10/100/1000 Mbps
Ethernet, USB 3.0 and TPM
NEW
CPU
6th generation Intel® Core™ processor with i7-6600U
2.6 GHz, i5-6300U 2.4 GHz, i3-6100U 2.3 GHz (Skylake-U)
onboard
System Memory
2 x 260pin DDR4-2133 SO-DIMM max. up to 32 GB
Chipset
SoC integrated
BIOS
AMI uEFI
SSD
N/A
Watchdog Timer
255 levels, 1~255 sec. or min.
Expansion Interface
6 lanes of PCI Express Gen. 3.0
Battery Lithium
N/A
Power Input
ATX: +12V, +5VSB
AT: +12V
Size
95 x 95 mm
Board Thickness
2.0 mm
Temperature
-20ºC ~ +70ºC (-4°F ~ 158°F), operation
Operation Humidity
10% ~ 95% relative humidity, non-condensing
MIO
1 x LPC interface
1 x SPI interface
2 x Serial TX/RX
1 x I
2C
SATA
3 x SATA-600
Hardware Monitoring
Yes
Ethernet
1 port as 10/100/1000Mbps supports Wake-on-LAN,
PXE Boot ROM with Intel® i219LM
Audio
HD link interface to baseboard for Codec
USB
4 x USB 3.0 and 8 x USB 2.0
TPM
Yes
SMBus
Yes
Digital I/O
4 channels IN & 4 channels OUT (SDIO optional)
Battery Support
Yes
Chipset
Intel® Gen 9 Graphics Engine
support Gfx - DX12.0, OCL2.0, OGL4.3
Display Interface
2 x DDI (DP/HDMI/DVI). The 2nd DDI could be configured to
VGA (optional).
1 x LVDS; 18/24-bit dual channel (eDP optional)
Rear view
6
th Generation
Intel® Core™
processor
COM Express Interface
Connector
2 x DDR4 SO-DIMM
DDR4
DDR4
DDR4
USB 3.0
USB
USB
TripleView
Full Solid
Cap Design
Low Power
AiRD


Similar Part No. - CEM501

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM501 AXIOMTEK-CEM501_17 Datasheet
245Kb / 1P
   COM Express Type 6 Module with 6th Gen Intel Core i7/i5/i3 and Celeron Processor
More results

Similar Description - CEM501

ManufacturerPart #DatasheetDescription
logo
Axiomtek Co., Ltd.
CEM500 AXIOMTEK-CEM500 Datasheet
294Kb / 1P
   Processor COM Express Type 6 Module with Intel QM170/HM170
logo
Advantech Co., Ltd.
SOM-6867AC-S9A1E ADVANTECH-SOM-6867AC-S9A1E Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
logo
AAEON Technology
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
   COM Express Type 6 CPU Module
logo
Advantech Co., Ltd.
SOM-6867 ADVANTECH-SOM-6867_17 Datasheet
968Kb / 2P
   COM Express Type 6 Compact Module
SOM-6867 ADVANTECH-SOM-6867 Datasheet
927Kb / 2P
   COM Express Type 6 Compact Module
SOM-6867 ADVANTECH-SOM-6867_15 Datasheet
992Kb / 2P
   Intel Atom/Celeron Processor COM Express Type 6 Compact Module
logo
AAEON Technology
COM-CV AAEON-COM-CV_15 Datasheet
222Kb / 2P
   COM Express Type 6 CPU Module
COM-CV AAEON-COM-CV Datasheet
222Kb / 2P
   COM Express Type 6 CPU Module
COM-QM77 AAEON-COM-QM77 Datasheet
276Kb / 2P
   COM Express Type 6 CPU Module
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com