Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX6953CB Datasheet(PDF) 27 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 27 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 23Page - STMicroelectronics VX6953CB Datasheet HTML 24Page - STMicroelectronics VX6953CB Datasheet HTML 25Page - STMicroelectronics VX6953CB Datasheet HTML 26Page - STMicroelectronics VX6953CB Datasheet HTML 27Page - STMicroelectronics VX6953CB Datasheet HTML 28Page - STMicroelectronics VX6953CB Datasheet HTML 29Page - STMicroelectronics VX6953CB Datasheet HTML 30Page - STMicroelectronics VX6953CB Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 107 page
background image
8209023 Rev 5
27/107
VX6953CB
Functional description
3.5.3
Clock input type
As required by the SMIA specification the VX6953CB can receive the clock types shown in
Figure 10.
The clock is fail-safe/high impedance when in either AC or DC coupled and in any mode
including the power off state. The pad has a SCHMITT TRIGGER input.
Figure 10. Clock input types
3.6
Control and video interface formats
Image data is transferred from the VX6953CB using a high speed subLVDS serial link.The
serial control data is transferred to and from the VX6953CB on a CCI bus.
Video maximum link speeed: 640 Mbps for CCP2 and 800 Mbps for CSI-2.
CCI command speed: from 100 KHz to 400 KHz.
3.6.1
CCP serial data link
Data signals (DATA+ and DATA-) and clock signals (CLK+ and CLK-) are transferred from
VX6953CB on two pairs of balanced 100
Ω impedance transmission lines.
The transmission line pairs and custom transmitters/receivers realize a very low voltage
differential (subLVDS) signalling scheme that can transfer information in a potentially noisy
environment.
As implemented in VX6953CB, the CCP link supports the transmission of raw bayer data at
5.0 Mpixel resolution up to 11.5 frame/s at 10-bit resolution (with de-rating).
Pad
Pad
Extclk
extclk
Camera module
Host processor
Pad
Pad
Extclk
extclk
Camera module
Host processor
Pad
Pad
Extclk
extclk
Camera module
Host processor
Pad
Pad
Extclk
extclk
Camera module
Host processor
1st option
2nd option
pwrdn
pwrdn
pwrdn
pwrdn
pwrdn
pwrdn
pwrdn
pwrdn
DC-coupled
AC-coupled
3rd option
DC-coupled
and filtered
4th option
AC-coupled
and filtered


Similar Part No. - VX6953CB

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VX6 QUARTZCOM-VX6 Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VX6-3XXH QUARTZCOM-VX6-3XXH Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VX6-5XXH QUARTZCOM-VX6-5XXH Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
logo
Vishay Siliconix
VX60100C VISHAY-VX60100C Datasheet
130Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.35 V at IF = 5.0 A
Revision: 09-Sep-2020
VX60100PW VISHAY-VX60100PW Datasheet
133Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.35 V at IF = 5.0 A
Revision: 22-Sep-2020
More results

Similar Description - VX6953CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
   QXGA EDOF camera module
VX6854LC STMICROELECTRONICS-VX6854LC Datasheet
2Mb / 114P
   QXGA EDOF camera module
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
   0.5 Megapixel Camera Module
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
   1.3 megapixel camera module
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
   1.3 megapixel camera module
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
   1.0 Megapixel SMIA Camera Module
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
   2 Megapixel SMIA Camera Module
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
   1.3 Megapixel Mobile Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com