Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VX6953CB Datasheet(PDF) 91 Page - STMicroelectronics

Part # VX6953CB
Description  5.1 megapixel EDOF camera module
Download  107 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VX6953CB Datasheet(HTML) 91 Page - STMicroelectronics

Back Button VX6953CB Datasheet HTML 87Page - STMicroelectronics VX6953CB Datasheet HTML 88Page - STMicroelectronics VX6953CB Datasheet HTML 89Page - STMicroelectronics VX6953CB Datasheet HTML 90Page - STMicroelectronics VX6953CB Datasheet HTML 91Page - STMicroelectronics VX6953CB Datasheet HTML 92Page - STMicroelectronics VX6953CB Datasheet HTML 93Page - STMicroelectronics VX6953CB Datasheet HTML 94Page - STMicroelectronics VX6953CB Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 107 page
background image
8209023 Rev 5
91/107
VX6953CB
Electrical characteristics
12.2
Absolute maximum ratings
Caution:
Stresses above those listed in Section 12.2: Absolute maximum ratings may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at these or any other conditions above those indicated in the operational sections of
the specification is not implied. Exposure to absolute maximum rating conditions for
extended periods may affect device reliability.
Table 44. Absolute maximum ratings
Symbol
Parameter
Min.
Max.
Unit
VDIGMAX
Digital power supply
-0.3
2.2
V
VANAMAX
Analog power supply
-0.3
3.2
V
VIHMAX
EXTCLK, XSHUTDOWN, SCL, SDA
-0.3
VDIG+0.5
V
TSTO
Storage temperature
-40
+ 85(1)
1. This is a maximum long term standard storage temperature, see soldering profile for short term
high temperature tolerance.
oC
VESD
Electrostatic discharge model
Human body model(2) (3)
Charge device model(4)
2. MM 100V test is performed in compliance with JESD22-A115A if HBM pass level is less then
1000V.
3. HBM tests are performed in compliance with JESD22-A114F.
4. CDM tests are performed in compliance with JESD22-C101D.
-2.0
-500
2.0
500
kV
V


Similar Part No. - VX6953CB

ManufacturerPart #DatasheetDescription
logo
QUARTZCOM the communica...
VX6 QUARTZCOM-VX6 Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VX6-3XXH QUARTZCOM-VX6-3XXH Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
VX6-5XXH QUARTZCOM-VX6-5XXH Datasheet
88Kb / 1P
   Thru-hole VCXO HCMOS / TTL High shock and vibration resistant
logo
Vishay Siliconix
VX60100C VISHAY-VX60100C Datasheet
130Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.35 V at IF = 5.0 A
Revision: 09-Sep-2020
VX60100PW VISHAY-VX60100PW Datasheet
133Kb / 5P
   Dual High Voltage TMBS® (Trench MOS Barrier Schottky) Rectifier Ultra Low VF = 0.35 V at IF = 5.0 A
Revision: 22-Sep-2020
More results

Similar Description - VX6953CB

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VX6852 STMICROELECTRONICS-VX6852 Datasheet
57Kb / 4P
   QXGA EDOF camera module
VX6854LC STMICROELECTRONICS-VX6854LC Datasheet
2Mb / 114P
   QXGA EDOF camera module
VS6663CD STMICROELECTRONICS-VS6663CD Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6590 STMICROELECTRONICS-VS6590 Datasheet
58Kb / 3P
   0.5 Megapixel Camera Module
VS6663CB STMICROELECTRONICS-VS6663CB Datasheet
950Kb / 64P
   1.3 megapixel camera module
VS6663CC STMICROELECTRONICS-VS6663CC Datasheet
1Mb / 63P
   1.3 megapixel camera module
VS6663 STMICROELECTRONICS-VS6663 Datasheet
1Mb / 64P
   1.3 megapixel camera module
VS6650 STMICROELECTRONICS-VS6650 Datasheet
54Kb / 3P
   1.0 Megapixel SMIA Camera Module
VS6750 STMICROELECTRONICS-VS6750 Datasheet
48Kb / 3P
   2 Megapixel SMIA Camera Module
VS6624 STMICROELECTRONICS-VS6624 Datasheet
1,017Kb / 100P
   1.3 Megapixel Mobile Camera Module
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com