Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1421M Datasheet(PDF) 6 Page - ACE Technology Co., LTD.

Part # ACE1421M
Description  P-Channel 20-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1421M Datasheet(HTML) 6 Page - ACE Technology Co., LTD.

  ACE1421M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1421M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
ACE1421M
P-Channel 20-V MOSFET
VER 1.1
6
Packing Information
DFN2*2-6PP
Unit: mm
SYMBOLS
DIMENSIONS IN MILLIMETERS
DIENSIONS IN INCHES
MIN
NOM
MAX
MIN
NOM
MAX
A
0.50
0.55
0.60
0.020
0.022
0.024
A1
0.00
0.05
0.000
0.002
b
0.25
0.30
0.25
0.010
0.012
0.014
c
0.152REF
0.006REF
D
1.90
2.00
2.10
0.075
0.0179
0.083.
D1
0.85
0.95
1.05
0.033
0.037
0.041
D2
0.13
0.23
0.33
0.005
0.009
0.013
E
1.90
2.0
2.10
0.075
0.079
0.083
E1
0.90
1.00
1.10
0.035
0.039
0.043
E2
0.72
0.82
0.92
0.028
0.032
0.036
e
0.65BSC
0.026BSC
K
0.20BSC
0.008BSC
K1
0.25BSC
0.010BSC
K2
0.33BSC
0.013BSC
K3
0.22BSC
0.009BSC
K4
0.40BSC
0.016BSC
K5
0.20BSC
0.008BSC
L
0.25
0.30
0.35
0.010
0.012
0.014


Similar Part No. - ACE1421M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE1420M ACE-ACE1420M Datasheet
486Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
More results

Similar Description - ACE1421M

ManufacturerPart #DatasheetDescription
logo
Nexperia B.V. All right...
PMPB100XPEA NEXPERIA-PMPB100XPEA Datasheet
327Kb / 15P
   20 V, P-channel Trench MOSFET
PMV30XPEA NEXPERIA-PMV30XPEA Datasheet
722Kb / 16P
   20 V, P-channel Trench MOSFET
PMN52XP NEXPERIA-PMN52XP Datasheet
724Kb / 16P
   20 V, P-channel Trench MOSFET
PMV65XPE NEXPERIA-PMV65XPE Datasheet
708Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ350UPE NEXPERIA-PMZ350UPE Datasheet
701Kb / 14P
   20 V, P-channel Trench MOSFET
logo
NXP Semiconductors
PMV65XPEA PHILIPS-PMV65XPEA_15 Datasheet
245Kb / 16P
   20 V, P-channel Trench MOSFET
27 November 2014
PMV75UP PHILIPS-PMV75UP_15 Datasheet
279Kb / 15P
   20 V, P-channel Trench MOSFET
25 April 2014
PMZ950UPE PHILIPS-PMZ950UPE_15 Datasheet
237Kb / 15P
   20 V, P-channel Trench MOSFET
10 July 2014
PMV48XPA PHILIPS-PMV48XPA_15 Datasheet
257Kb / 15P
   20 V, P-channel Trench MOSFET
10 March 2014
logo
Nexperia B.V. All right...
BSH205G2A NEXPERIA-BSH205G2A Datasheet
277Kb / 15P
   20 V, P-channel Trench MOSFET
13 October 2020
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com