Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1420M Datasheet(PDF) 5 Page - ACE Technology Co., LTD.

Part # ACE1420M
Description  N-Channel 20-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1420M Datasheet(HTML) 5 Page - ACE Technology Co., LTD.

  ACE1420M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
ACE1420M
N-Channel 20-V MOSFET
VER 1.1
5
Typical Performance Characteristics
Qg - Total Gate Charge (nC)
TJ –Junction Temperature(°C)
7. Gate Charge
8. Normalized On-Resistance Vs
Junction Temperature
VDS Drain to Source Voltage (V)
t1 TIME (SEC)
9. Safe Operating Area
10. Single Pulse Maximum Power Dissipation
t1 TIME (sec)
11. Normalized Thermal Transient Junction to Ambient


Similar Part No. - ACE1420M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE1420M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0201K VISHAY-TN0201K Datasheet
178Kb / 3P
   N-Channel 20-V MOSFET
14-Jun-04
logo
ACE Technology Co., LTD...
ACE2302M ACE-ACE2302M Datasheet
460Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
ACE2320M ACE-ACE2320M Datasheet
486Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
logo
Vishay Siliconix
TN0205A-T1 VISHAY-TN0205A-T1 Datasheet
46Kb / 5P
   N-Channel 20-V MOSFET
Rev. B, 16-Jul-01
TN0205A VISHAY-TN0205A Datasheet
33Kb / 4P
   N-Channel 20-V MOSFET
Rev. B, 16-Jul-01
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
   Dual N-Channel 20 V MOSFET
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
   20 V, N-channel Trench MOSFET
12 March 2015
PMZ600UNE PHILIPS-PMZ600UNE_15 Datasheet
240Kb / 15P
   20 V, N-channel Trench MOSFET
26 June 2014
PMZ290UNE2 PHILIPS-PMZ290UNE2_15 Datasheet
230Kb / 16P
   20 V, N-channel Trench MOSFET
24 March 2015
PMZ290UNE PHILIPS-PMZ290UNE_15 Datasheet
219Kb / 14P
   20 V, N-channel Trench MOSFET
14 May 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com