Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE1420M Datasheet(PDF) 3 Page - ACE Technology Co., LTD.

Part # ACE1420M
Description  N-Channel 20-V MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE1420M Datasheet(HTML) 3 Page - ACE Technology Co., LTD.

  ACE1420M Datasheet HTML 1Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 2Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 3Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 4Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 5Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 6Page - ACE Technology Co., LTD. ACE1420M Datasheet HTML 7Page - ACE Technology Co., LTD.  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
ACE1420M
N-Channel 20-V MOSFET
VER 1.1
3
Electrical Characteristics
TA=25℃, unless otherwise specified.
Parameter
Symbol
Test Conditions
Min
Typ
Max
Unit
Static
Gate-Source Threshold Voltage
VGS(th)
VDS = VGS, ID = 250 uA
0.4
V
Gate-Body Leakage
IGSS
VDS = 0 V, VGS = ±8 V
±100
nA
Zero Gate Voltage Drain Current
IDSS
VDS = 16 V, VGS = 0 V
1
uA
VDS = 16 V, VGS = 0 V, TJ = 55°C
10
On-State Drain Current
ID(on)
VDS = 5 V, VGS = 4.5 V
20
A
Drain-Source On-Resistance
RDS(ON)
VGS = 4.5 V, ID = 10 A
9
VGS = 2.5 V, ID = 8 A
11
Forward Transconductance
gFS
VDS = 15 V, ID = 10 A
5
S
Diode Forward Voltage
VSD
IS = 1.4 A, VGS = 0 V
0.74
V
Dynamic
Total Gate Charge
Qg
VDS = 10 V, VGS = 4.5 V, ID = 10 A
20
nC
Gate-Source Charge
Qgs
3.6
Gate-Drain Charge
Qgd
5.5
Turn-On Delay Time
td(on)
VDS = 10 V, RL = 1 Ω, ID = 10 A,
VGEN = 4.5 V, RGEN = 6 Ω
6
ns
Rise Time
tr
14
Turn-Off Delay Time
td(off)
84
Fall Time
tf
24
Input Capacitance
Ciss
VDS = 15 V, VGS = 0 V, f = 1 Mhz
1920
pF
Output Capacitance
Coss
160
Reverse Transfer Capacitance
Crss
143
Note :
a.
Pulse test: PW <= 300us duty cycle <= 2%.
b.
Guaranteed by design, not subject to production testing


Similar Part No. - ACE1420M

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE14201B ACE-ACE14201B Datasheet
752Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
ACE14201T ACE-ACE14201T Datasheet
522Kb / 6P
   P-Channel Enhancement Mode Power MOSFET
VER 1.1
More results

Similar Description - ACE1420M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TN0201K VISHAY-TN0201K Datasheet
178Kb / 3P
   N-Channel 20-V MOSFET
14-Jun-04
logo
ACE Technology Co., LTD...
ACE2302M ACE-ACE2302M Datasheet
460Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
ACE2320M ACE-ACE2320M Datasheet
486Kb / 7P
   N-Channel 20-V MOSFET
VER 1.1
logo
Vishay Siliconix
TN0205A-T1 VISHAY-TN0205A-T1 Datasheet
46Kb / 5P
   N-Channel 20-V MOSFET
Rev. B, 16-Jul-01
TN0205A VISHAY-TN0205A Datasheet
33Kb / 4P
   N-Channel 20-V MOSFET
Rev. B, 16-Jul-01
logo
Vishay Telefunken
SI4204DY TFUNK-SI4204DY Datasheet
263Kb / 10P
   Dual N-Channel 20 V MOSFET
logo
NXP Semiconductors
PMZ130UNE NXP-PMZ130UNE Datasheet
233Kb / 14P
   20 V, N-channel Trench MOSFET
12 March 2015
PMZ600UNE PHILIPS-PMZ600UNE_15 Datasheet
240Kb / 15P
   20 V, N-channel Trench MOSFET
26 June 2014
PMZ290UNE2 PHILIPS-PMZ290UNE2_15 Datasheet
230Kb / 16P
   20 V, N-channel Trench MOSFET
24 March 2015
PMZ290UNE PHILIPS-PMZ290UNE_15 Datasheet
219Kb / 14P
   20 V, N-channel Trench MOSFET
14 May 2014
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com