Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

PTF181301 Datasheet(PDF) 2 Page - Infineon Technologies AG

Part No. PTF181301
Description  LDMOS RF Power Field Effect Transistor 130 W, 1805-1880 MHz
Download  4 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTF181301 Datasheet(HTML) 2 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Developmental Data Sheet
2 of 4
2004-04-28
Developmental PTF181301
DC Characteristics at TCASE = 25°C unless otherwise indicated
Characteristic
Conditions
Symbol
Min
Typ
Max
Unit
Drain–Source Breakdown Voltage
VGS = 0 V, IDS = 10 µA
V(BR)DSS
65
V
Drain Leakage Current
VDS = 28 V, VGS = 0 V
IDSS
1.0
µA
On–State Resistance
VGS = 10 V, VDS = 0.1 V
RDS(on)
0.07
Operating Gate Voltage
VDS = 28 V, IDQ = 1.8 A
VGS
2.5
3.2
4.0
V
Gate Leakage Current
VGS = 10 V, VDS = 0 V
IGSS
1.0
µA
Maximum Ratings
Parameter
Symbol
Value
Unit
Drain–Source Voltage
VDSS
65
V
Gate–Source Voltage
VGS
–0.5 to +12
V
Junction Temperature
TJ
200
°C
Total Device Dissipation
PD
350
W
Above 25°C derate by
2.0
W/°C
Storage Temperature Range
TSTG
–40 to +150
°C
Thermal Resistance (TCASE = 70°C, 130 W CW)
RθJC
0.50
°C/W


Html Pages

1  2  3  4 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn