Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ACE24C512B Datasheet(PDF) 7 Page - ACE Technology Co., LTD.

Part # ACE24C512B
Description  Two-wire Serial EEPROM
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACE [ACE Technology Co., LTD.]
Direct Link  http://www.ace-ele.com
Logo ACE - ACE Technology Co., LTD.

ACE24C512B Datasheet(HTML) 7 Page - ACE Technology Co., LTD.

Back Button ACE24C512B Datasheet HTML 3Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 4Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 5Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 6Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 7Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 8Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 9Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 10Page - ACE Technology Co., LTD. ACE24C512B Datasheet HTML 11Page - ACE Technology Co., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
ACE24C128B/256B/512B
Two-wire Serial EEPROM
VER 1.4
7
The eighth bit of the device address is the read/write operation select bit. A read operation is initiated if
this bit is high and a write operation is initiated if this bit is low.
Upon a compare of the device address, the EEPROM will output a "0". If a compare is not made, the
chip will return to a standby state.
DATA SECURITY:
The ACE24C128B/256B/512B has a hardware data protection scheme that allows the user to write
protect the entire memory when the WP pin is at VCC.
Write Operations
Byte Write:
A write operation requires an 8-bit data word address following the device address word and
acknowledgment. Upon receipt of this address, the EEPROM will again respond with a "0" and then
clock in the first 8-bit data word. Following receipt of the 8-bit data word, the EEPROM will output a "0"
and the addressing device, such as a microcontroller, must terminate the write sequence with a stop
condition. At this time the EEPROM enters an internally timed write cycle, tWR, to the nonvolatile
memory. All inputs are disabled during this write cycle and the EEPROM will not respond until the write is
complete (see Figure 5 on page 7).
Page Write:
The 128K/256K EEPROM is capable of an 64-byte page writes, and 512K device is capable of an 128-
byte page writes.
A page write is initiated the same as a byte write, but the microcontroller does not send a stop condition
after the first data word is clocked in. Instead, after the EEPROM acknowledges receipt of the first data
word, the microcontroller can transmit up to 63 (128K/256K) or 127 (512K) more data words. The
EEPROM will respond with a “0” after each data word received. The microcontroller must terminate the
page write aequence with a stop condition (see Figure 6 on page 7).
The data word address lower six (128K/256K) or seven (512K) bits are internally incremented following
the receipt of each data word. The higher data word address bits are not incremented, retaining the
memory page row location. When the word address, internally generated, reaches the page boundary,
the following byte is placed at the beginning of the same page. If more than 64 (128K/256K) or 128
(512K) data words are transmitted to the EEPROM, the data word
address will “roll over” and previous
data will be overwritten.
Acknowledge Polling:
Once the internally timed write cycle has started and the EEPROM inputs are disabled, acknowledge
polling can be initiated. This involves sending a start condition followed by the device address word. The
read/write bit is representative of the operation desired. Only if the internal write cycle has completed will
the EEPROM respond with a "0", allowing the read or write sequence to continue.
Read Operations
Read operations are initiated the same way as write operations with the exception that the read/write
select bit in the device address word is set to "1". There are three read operations: current address read,
random address read and sequential read.


Similar Part No. - ACE24C512B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C512 ACE-ACE24C512 Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512C ACE-ACE24C512C Datasheet
1Mb / 18P
   Two-wire serial EEPROM
VER 1.1
ACE24C512DP+TH ACE-ACE24C512DP+TH Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512DP+UH ACE-ACE24C512DP+UH Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
ACE24C512FM+TH ACE-ACE24C512FM+TH Datasheet
611Kb / 15P
   Two-wire Serial EEPROM
VER 1.4
More results

Similar Description - ACE24C512B

ManufacturerPart #DatasheetDescription
logo
ACE Technology Co., LTD...
ACE24C32B ACE-ACE24C32B Datasheet
988Kb / 18P
   Two-wire Serial EEPROM
VER 1.3
ACE24AC512 ACE-ACE24AC512 Datasheet
1Mb / 16P
   Two-wire Serial EEPROM
VER 1.1
ACE24LA64A ACE-ACE24LA64A Datasheet
1Mb / 18P
   Two-wire Serial EEPROM
VER 1.1
ACE24LC02BN++ ACE-ACE24LC02BN+ Datasheet
243Kb / 12P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C02B ATMEL-AT24C02B_07 Datasheet
546Kb / 21P
   Two-wire Serial EEPROM
AT24HC02B ATMEL-AT24HC02B_07 Datasheet
540Kb / 17P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24LC02 ACE-ACE24LC02 Datasheet
295Kb / 17P
   Two-wire Serial EEPROM
VER 1.3
logo
ATMEL Corporation
AT24C16B ATMEL-AT24C16B_09 Datasheet
804Kb / 27P
   Two-wire Serial EEPROM
logo
ACE Technology Co., LTD...
ACE24C32 ACE-ACE24C32_1 Datasheet
202Kb / 13P
   Two-wire Serial EEPROM
VER 1.3
logo
Leshan Radio Company
LR24C02 LRC-LR24C02 Datasheet
755Kb / 15P
   Two-Wire Serial EEPROM
logo
Shenzhen Huazhimei Semi...
HM24C1024 HMSEMI-HM24C1024 Datasheet
1Mb / 12P
   Two-Wire Serial EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com