Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

S05CB6 Datasheet(PDF) 3 Page - Kersemi Electronic Co., Ltd.

Part # S05CB6
Description  Thyristor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

S05CB6 Datasheet(HTML) 3 Page - Kersemi Electronic Co., Ltd.

  S05CB6 Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. S05CB6 Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. S05CB6 Datasheet HTML 3Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
SMG05CB60
50
60
70
80
90
100
110
120
130
140
150
VD −Tj Change Rate(Typical)
Junction Temp.(℃)
−50
−25
50
75
25
100
125
RGK=1kΩ
Gate-Cathode Resistance(kΩ)
60
120
40
100
20
80
10
100
VD−RGK[Change Rate]
(Typical)
Tj=125℃
Gate-Cathode Resistance(kΩ)
10
100
1000
0.1
10
100
IH−RGK[Change Rate]
(Typical)
j=25℃
50
60
70
80
90
100
110
120
130
140
150
VR −Tj Change Rate(Typical)
Junction Temp.(℃)
−50
−25
50
75
25
100
125
www.kersemi.com


Similar Part No. - S05CB6

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
S05 TI1-S05 Datasheet
876Kb / 22P
[Old version datasheet]   HEX INVERTERS
logo
Teccor Electronics
S0501L TECCOR-S0501L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S0503L TECCOR-S0503L Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S0504F1 TECCOR-S0504F1 Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
S0504N1 TECCOR-S0504N1 Datasheet
1Mb / 12P
   SCRs 1-70 AMPS NON-SENSITIVE GATE
More results

Similar Description - S05CB6

ManufacturerPart #DatasheetDescription
logo
SanRex Corporation
SCA200AA SANREX-SCA200AA Datasheet
103Kb / 2P
   Thyristor/Thyristor, Thyristor/Diode
logo
International Rectifier
IRKU71 IRF-IRKU71 Datasheet
175Kb / 9P
   THYRISTOR/ THYRISTOR
logo
NXP Semiconductors
BTH151S PHILIPS-BTH151S Datasheet
44Kb / 6P
   Thyristor Thyristor
March 2001 Rev 1.001
logo
Vishay Siliconix
VS-VSKT15204PBF VISHAY-VS-VSKT15204PBF Datasheet
213Kb / 10P
   Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRK.105 IRF-IRK.105 Datasheet
225Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKH142-12 IRF-IRKH142-12 Datasheet
391Kb / 12P
   THYRISTOR/DIODE and THYRISTOR/THYRISTOR
logo
Vishay Siliconix
VS-VSK136PBF VISHAY-VS-VSK136PBF Datasheet
412Kb / 15P
   Thyristor/Diode and Thyristor/Thyristor
Revision: 11-Apr-14
logo
International Rectifier
IRKT91-14 IRF-IRKT91-14 Datasheet
240Kb / 10P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
IRKT430-20 IRF-IRKT430-20 Datasheet
103Kb / 8P
   THYRISTOR / DIODE and THYRISTOR / THYRISTOR
IRKL26-08 IRF-IRKL26-08 Datasheet
157Kb / 8P
   THYRISTOR/ DIODE and THYRISTOR/ THYRISTOR
logo
Nell Semiconductor Co.,...
NKT800 NELLSEMI-NKT800 Datasheet
669Kb / 4P
   Thyristor/Diode and Thyristor/Thyristor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com