Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P0102BL Datasheet(PDF) 5 Page - Kersemi Electronic Co., Ltd.

Part # P0102BL
Description  Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.

P0102BL Datasheet(HTML) 5 Page - Kersemi Electronic Co., Ltd.

  P0102BL Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. P0102BL Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. P0102BL Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. P0102BL Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. P0102BL Datasheet HTML 5Page - Kersemi Electronic Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
P0102BL
5/5
PACKAGE MECHANICAL DATA
SOT-23 (Plastic)
REF.
DIMENSIONS
Millimeters
Inches
Min.
Max.
Min.
Max.
A
0.89
1.4
0.035
0.055
A1
0
0.1
0
0.004
B
0.3
0.51
0.012
0.02
c
0.085
0.18
0.003
0.007
D
2.75
3.04
0.108
0.12
e
0.85
1.05
0.033
0.041
e1
1.7
2.1
0.067
0.083
E
1.2
1.6
0.047
0.063
H
2.1
2.75
0.083
0.108
L
0.6 typ.
0.024 typ.
S
0.35
0.65
0.014
0.026
B
E
S
e
e1
A
D
c
L
H
A1
FOOTPRINT DIMENSIONS (in millimeters)
SOT-23 (Plastic)
0.9
0.035
0.9
0.035
1.9
0.075
mm
inch
1.45
0.037
0.9
0.035
www.kersemi.com
资料提供:可控硅在线 http://www.kkg.com.cn


Similar Part No. - P0102BL

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
P0102BL STMICROELECTRONICS-P0102BL Datasheet
83Kb / 5P
   0.25A SCRs
P0102BL-5AA4 STMICROELECTRONICS-P0102BL-5AA4 Datasheet
83Kb / 5P
   0.25A SCRs
P0102BL-5AA4 STMICROELECTRONICS-P0102BL-5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102BL5AA4 STMICROELECTRONICS-P0102BL5AA4 Datasheet
125Kb / 11P
   Sensitive standard SCRs up to 0.8 A
P0102BL5AA4 STMICROELECTRONICS-P0102BL5AA4 Datasheet
83Kb / 5P
   0.25A SCRs
More results

Similar Description - P0102BL

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TMP814 TI1-TMP814_15 Datasheet
982Kb / 21P
[Old version datasheet]   Variable Speed Single-phase Full-wave Fan Motor Predriver
TMP815 TI1-TMP815_15 Datasheet
3Mb / 20P
[Old version datasheet]   Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP816 TI1-TMP816_15 Datasheet
1Mb / 20P
[Old version datasheet]   TMP816 Variable-Speed Single-Phase Full-Wave Fan-Motor Predriver
TMP814 TI1-TMP814 Datasheet
534Kb / 12P
[Old version datasheet]   VARIABLE SPEED SINGLE-PHASE FULL-WAVE FAN MOTOR PRE-DRIVER
TMP815 TI1-TMP815 Datasheet
533Kb / 13P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
TMP816 TI1-TMP816 Datasheet
531Kb / 12P
[Old version datasheet]   VARIABLE-SPEED SINGLE-PHASE FULL-WAVE FAN-MOTOR PRE-DRIVER
logo
Unisonic Technologies
F2967 UTC-F2967 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
ON Semiconductor
LB11967V-TLM-H ONSEMI-LB11967V-TLM-H Datasheet
105Kb / 9P
   For Variable Speed Fan Motor Single-Phase Full-Wave Pre-Driver
May, 2013
logo
Unisonic Technologies
F2967 UTC-F2967_15 Datasheet
226Kb / 9P
   FOR VARIABLE SPEED FAN MOTOR SINGLE-PHASE FULL-WAVE PRE-DRIVER
logo
Sanyo Semicon Device
LB11867RV SANYO-LB11867RV_11 Datasheet
370Kb / 9P
   For Fan Motor Variable Speed Single-phase Full-wave Pre-driver
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com