Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTF180101 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part No. PTF180101
Description  LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTF180101 Datasheet(HTML) 3 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 3 / 10 page
background image
Data Sheet
3
2004-02-03
PTF180101
EDGE Modulation Spectrum Performance
VDD = 28 V, IDQ = 0.18 A, f = 1989.8 MHz
-100
-90
-80
-70
-60
-50
25
30
35
40
Output Power (dBm)
0
10
20
30
40
50
Efficiency
400 kHz
600 kHz
1
2
3
4
5
6
7
8
0.00
0.05
0.10
0.15
0.20
0.25
0.30
Quiscent Drain Current (A)
-110
-100
-90
-80
-70
-60
-50
-40
EVM and Modulation Spectrum Performance
f = 1989.8 MHz, POUT = 3.5 W
EVM
400 kHz
600 kHz
Typical Performance measurements taken in broadband test fixture
Gain & Efficiency vs. Output Power
VDD = 28 V, IDQ = 0.18 A, f = 1990 MHz
16
17
18
19
20
21
29
32
35
38
41
44
Output Power (dBm)
10
20
30
40
50
60
Efficiency
Gain
Output Power, Gain & Efficiency (at P-1dB)
vs. Frequency
VDD = 28 V, IDQ = 0.18 A
18
19
20
21
22
23
24
25
1900
1920
1940
1960
1980
2000
2020
Frequency (MHz)
0
10
20
30
40
50
60
70
Gain
Efficiency
Output Pow er


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn