Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTF180101 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part No. PTF180101
Description  LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTF180101 Datasheet(HTML) 1 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Data Sheet
1
2004-02-03
EDGE EVM Performance
EVM and Efficiency vs. Output Power
VDD = 28 V, IDQ = 0.18 A, f = 1989.8 MHz
0
1
2
3
4
25
30
35
40
Output Power (dBm)
0
10
20
30
40
EVM
Efficiency
PTF180101
Features
Typical EDGE performance
- Average output power = 4.0 W
- Gain = 19.0 dB
- Efficiency = 28%
- EVM = 1.1 %
Typical WCDMA performance
- Average output power = 1.8 W
- Gain = 18.0 dB
- Efficiency = 20%
- ACPR = –45 dBc
Typical CW performance
- Output power at P–1dB = 15 W
- Efficiency = 50%
Integrated ESD protection:
Human Body Model Class 1 (minimum)
Excellent thermal stability
Low HCI drift
Capable of handling 10:1 VSWR @ 28 V,
10 W (CW) output power
RF Characteristics, EDGE Operation at TCASE = 25°C unless otherwise indicated
EDGE Measurements (not subject to production test—verified by design/characterization in Infineon test fixture)
VDD = 28 V, IDQ = 180 mA, POUT = 4 W, f = 1989.8 MHz
Characteristic
Symbol
Min
Typ
Max
Units
Error Vector Magnitude
EVM (RMS)
1.1
%
Modulation Spectrum @ 400 kHz
ACPR
–60
dBc
Modulation Spectrum @ 600 kHz
ACPR
–70
dBc
Gain
Gps
19
dB
Drain Efficiency
ηD
28
%
Two–Tone Measurements (tested in Infineon test fixture)
VDD = 28 V, IDQ = 180 mA, POUT = 10 W PEP, f = 1990 MHz, tone spacing = 1 MHz
Characteristic
Symbol
Min
Typ
Max
Units
Gain
Gps
18
19
dB
Drain Efficiency
ηD
30
33
%
Intermodulation Distortion
IMD
–30
–28
dBc
LDMOS RF Power Field Effect Transistor
10 W, 1805–1880 MHz, 1930–1990 MHz
10 W, 2110–2170 MHz
Description
The PTF180101 is a 10 W, internally–matched GOLDMOS FET device in-
tended for EDGE applications in the DCS/PCS band. Full gold metallization
ensures excellent device lifetime and reliability.
ESD: Electrostatic discharge sensitive device — observe handling precautions!
PTF180101S
Package 32259


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn