Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PTF180101 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. PTF180101
Description  LDMOS RF Power Field Effect Transistor 10 W, 1805-1880 MHz, 1930-1990 MHz 10 W, 2110-2170 MHz
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

PTF180101 Datasheet(HTML) 5 Page - Infineon Technologies AG

 
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
Data Sheet
5
2004-02-03
PTF180101
Typical Performance (cont.)
Two–Tone Drive–up
VDD = 28V, IDQ = 135 mA, f = 2170 MHz,
tone spacing = 1 MHz
-60
-55
-50
-45
-40
-35
-30
-25
-20
20
25
30
35
40
45
Output Power (dBm), PEP
0
5
10
15
20
25
30
35
40
IM3
Efficiency
Single–Carrier WCDMA Drive–Up
VDD = 28 V, IDQ = 135 mA, f = 2170 MHz,
3GPP WCDMA signal, Test Model 1 w/16 DPCH, 67%
clipping, P/A R = 8.7 dB, 3.84 MHz bandwidth
-60
-55
-50
-45
-40
-35
17
22
27
32
37
Average Output Power (dBm)
0
5
10
15
20
25
ACPR
Efficiency
-80
-70
-60
-50
-40
-30
-20
30
32
34
36
38
40
42
Output Power, PEP (dBm)
Intermodulation Distortion vs. Output Power
VDD = 28 V, IDQ = 0.18 A, f1 = 1990 MHz, f2 = 1991 MHz
3rd Order
7th
5th
0.96
0.97
0.98
0.99
1.00
1.01
1.02
1.03
1.04
-20
0
20
40
60
80
100
Case Temperature (°C)
0.05 A
0.28 A
0.51 A
0.74 A
0.97 A
1.20 A
Gate-Source Voltage vs. Case Temperature
Voltage normalized to typical gate voltage.
Typical Performance, WCDMA Operation
Series show current.


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn