Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PHE450TB5100JB16R17 Datasheet(PDF) 1 Page - Kemet Corporation

Part # PHE450TB5100JB16R17
Description  Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 2500 VDC@85C, Lead Spacing=15 mm
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation

PHE450TB5100JB16R17 Datasheet(HTML) 1 Page - Kemet Corporation

  PHE450TB5100JB16R17 Datasheet HTML 1Page - Kemet Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Generated 8/05/2015 - 09cc82ca-a526-4249-bdad-75752bbaa610
KEMET Part Number: PHE450TB5100JB16R17
(F450BY103J2K5A)
Capacitor, film, 0.01 uF, +/-5% Tol, -55/+105C, General Purpose, 2500 VDC@85C, Lead Spacing=15 mm
Dimensions (mm)
Symbol
Dimension
Tolerance
L
18
MAX
H
19
MAX
T
11
MAX
S
15
+/-0.4
LL
17
-1
G
0.5
NOM
F
0.8
+/-0.05
Packaging Specifications
Package Kind: Bulk
Package Quantity: 250
General Information
Supplier: KEMET
Dielectric: Double Metallized Polypropylene
Application: General Purpose
Sub Application: DC or AC applications
Style: Radial Box
Lead Form: Wire Leads
RoHS: Yes
Specifications
Capacitance: 0.01 uF
Voltage: 2500 VDC
Tolerance: +/-5%
Voltage AC: 900 VAC
Voltage: 1850 VDC (105C)
Rated Temperature: 85C
Temperature Range: -55/+105C
Dissipation Factor @ 1 kHz: 0.03%
Dissipation Factor @ 10 kHz: 0.04%
Dissipation Factor @ 100kHz: 0.15%
Insulation Resistance: 3000 GOhm
Inductance: 6
Maximum dVdT: 2500 v/us
Miscellaneous:
The rated voltage decreases
1.3%/C between +85C and
+105C
Miscellaneous: Rthha= 55 C/W (85C), 0.2 m/s
© 2006-2015 IntelliData.net
Statements of suitability for certain applications are based on our knowledge of typical operating conditions for such applications, but are not intended to constitute - and
we specifically disclaim - any warranty concerning suitability for a specific customer application or use. This Information is intended for use only by customers who have the
requisite experience and capability to determine the correct products for their application. Any technical advice inferred from this Information or otherwise provided by us
with reference to the use of our products is given gratis, and we assume no obligation or liability for the advice given or results obtained.


Similar Part No. - PHE450TB5100JB16R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
PHE450TB5100JB16R17 KEMET-PHE450TB5100JB16R17_17 Datasheet
56Kb / 1P
   Film, Double Metallized Polypropylene, Commercial Grade, PHE450/F450, 0.01 uF, 5%, 2,500 V, 85C, Lead Spacing = 15mm
More results

Similar Description - PHE450TB5100JB16R17

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R73PI21004000J KEMET-R73PI21004000J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=15 mm
R76QI21004040J KEMET-R76QI21004040J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
R73QI21004030J KEMET-R73QI21004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 1000 VDC@85C, Lead Spacing=15 mm
R75RI21004030J KEMET-R75RI21004030J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 1250 VDC@85C, Lead Spacing=15 mm
R76UI21004040J KEMET-R76UI21004040J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 2000 VDC@85C, Lead Spacing=15 mm
R79MC2100Z340J KEMET-R79MC2100Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=5 mm
R79PC2100Z340J KEMET-R79PC2100Z340J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 630 VDC@85C, Lead Spacing=5 mm
PHE450XD5100JD15R06L2 KEMET-PHE450XD5100JD15R06L2 Datasheet
58Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 3000 VDC@85C, Lead Spacing=22.5 mm
R76MD2100SE40J KEMET-R76MD2100SE40J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 400 VDC@85C, Lead Spacing=7.5 mm
R73TN21004000J KEMET-R73TN21004000J Datasheet
56Kb / 1P
   Capacitor, film, 0.01 uF, /-5% Tol, -55/105C, General Purpose, 1600 VDC@85C, Lead Spacing=22.5 mm
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com