Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR38060 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # IR38060
Description  6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Download  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR38060 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button IR38060_16 Datasheet HTML 6Page - Infineon Technologies AG IR38060_16 Datasheet HTML 7Page - Infineon Technologies AG IR38060_16 Datasheet HTML 8Page - Infineon Technologies AG IR38060_16 Datasheet HTML 9Page - Infineon Technologies AG IR38060_16 Datasheet HTML 10Page - Infineon Technologies AG IR38060_16 Datasheet HTML 11Page - Infineon Technologies AG IR38060_16 Datasheet HTML 12Page - Infineon Technologies AG IR38060_16 Datasheet HTML 13Page - Infineon Technologies AG IR38060_16 Datasheet HTML 14Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 66 page
background image
IR38060
10
Rev 3.5
Feb 11, 2016
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNIT
Track_EN low, Vp=0.5V
Power Good High
Threshold Rising Delay
TPDLY
Vsns rising, Vsns >
Power_Good_High
0
ms
Power Good Low
Threshold Falling delay
VPG_low_Dly
Vsns falling, Vsns <
Power_Good_Low
150
175
200
us
Tracker Comparator
Upper Threshold
VPG(tracker_
upper)
Vp Rising,
VOUT_SCALE_LOOP=1,
Track_EN low, Vsns=Vp
0.38
0.4
0.42
V
Tracker Comparator
Lower Threshold
VPG(tracker_
lower)
Vp Falling,
VOUT_SCALE_LOOP=1,
Track_EN low, Vsns=Vp
0.28
0.3
0.32
V
PGood Voltage Low
PG (voltage)
IPGood = -5mA
0.5
V
Over Voltage Protection (OVP)
OVP Trip Threshold
OVP (trip)
Vsns rising,
VOUT_SCALE_LOOP=1,
Track_EN floating,
VDAC1=0.5V
115
121
125
%VDAC1
Vsns rising,
VOUT_SCALE_LOOP=1,
Track_EN low, Vp=0.5V
115
120
125
%Vp
OVP comparator
Hysteresis
OVP (hyst)
Vsns falling,
VOUT_SCALE_LOOP=1,
Track_EN floating,
VDAC1=0.5V
2.5
4.5
5.8
%OVP
(trip)
Vsns falling,
VOUT_SCALE_LOOP=1,
Track_EN low, Vp=0.5V
2.5
4.5
5.8
%OVP
(trip)
OVP Fault Prop Delay
OVP (delay)
Vsns rising, Vsns-
OVP(trip)>200 mV
200
ns
Over-Current Protection
OC Trip Current
ITRIP
OC limit=9A, VCC = 5.05V,
Tj=25
0C
8.1
9
9.9
A
OC limit=6A, VCC = 5.05V,
Tj=25
0C
5.4
6
6.7
A
OC limit=3A, VCC = 5.05V,
Tj=25
0C
2.4
3
3.6
A
OCset Current
Temperature coefficient
OCSET(temp)
-40
0C to 1250C, VCC=5.2V,
Note 2
4500
ppm/°C
Hiccup blanking time
Tblk_Hiccup
Note 2
20
ms
Thermal Shutdown
Thermal Shutdown
Note 2
145
°C
Hysteresis
Note 2
25
°C
Input Over-Voltage Protection


Similar Part No. - IR38060_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38060 INFINEON-IR38060_18 Datasheet
3Mb / 70P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018
More results

Similar Description - IR38060_16

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR38060 INFINEON-IR38060 Datasheet
3Mb / 66P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 May 26, 2016
IR38060 INFINEON-IR38060_18 Datasheet
3Mb / 70P
   6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.16 Jun 25, 2018
logo
International Rectifier
IR38060M IRF-IR38060M_15 Datasheet
151Kb / 2P
   Highly Integrated 6A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
logo
Infineon Technologies A...
IR38062 INFINEON-IR38062 Datasheet
4Mb / 68P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38063 INFINEON-IR38063 Datasheet
4Mb / 68P
   25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.8 May 26, 2016
IR38062 INFINEON-IR38062_18 Datasheet
3Mb / 72P
   15A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.14 Mar 14, 2018
IR38064 INFINEON-IR38064 Datasheet
3Mb / 73P
   35A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
Rev 3.7 Mar 14, 2018
logo
International Rectifier
IR38063M IRF-IR38063M_15 Datasheet
558Kb / 2P
   Highly Integrated 25A Single-input Voltage, Synchronous Buck Regulator with PMBus Interface
IR3839MPBF IRF-IR3839MPBF Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
IR3839MPBF IRF-IR3839MPBF_15 Datasheet
1Mb / 35P
   HIGHLY INTEGRATED 6A SINGLE-INPUT VOLTAGE, SYNCHRONOUS BUCK REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com