Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR11688S Datasheet(PDF) 7 Page - Infineon Technologies AG

Part # IR11688S
Description  DUAL SYNCHRONOUS RECTIFICATION CONTROL IC
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IR11688S Datasheet(HTML) 7 Page - Infineon Technologies AG

Back Button IR11688S Datasheet HTML 3Page - Infineon Technologies AG IR11688S Datasheet HTML 4Page - Infineon Technologies AG IR11688S Datasheet HTML 5Page - Infineon Technologies AG IR11688S Datasheet HTML 6Page - Infineon Technologies AG IR11688S Datasheet HTML 7Page - Infineon Technologies AG IR11688S Datasheet HTML 8Page - Infineon Technologies AG IR11688S Datasheet HTML 9Page - Infineon Technologies AG IR11688S Datasheet HTML 10Page - Infineon Technologies AG IR11688S Datasheet HTML 11Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
IR11688S
7
2016-1-18
Electrical Characteristics
VCC=12V, TA = 25°C unless otherwise specified. The output voltage and current (VO and IO) parameters are
referenced to GND (pin7).
Gate Driver Section
Parameters
Symbol
Min.
Typ.
Max.
Units
Remarks
Gate Low Voltage
VGLO
---
0.15
0.25
V
IGATE = 100mA
Gate High Voltage
VGTH
---
11.9
---
V
GBD
---
4.9
---
GBD
Rise Time
tr
---
20
38
ns
CLOAD = 1nF
Fall Time
tf
---
10
22
ns
CLOAD = 1nF
Turn on Propagation Delay
tDon
---
200
250
ns
VDS to VGATE – VDS goes down
from 6V to -1V
Turn off Propagation Delay
tDoff
---
42
60
ns
VDS to VGATE –VDS goes up from
-1V to 6V
Pull up Resistance
rup
---
6
---
GBD
Pull down Resistance
rdown
---
1.5
---
IGATE = -100mA
Output Peak Current
(source)
IO source
---
1
---
A
GBD
Output Peak Current (sink)
IO sink
---
4
---
A
GBD
GBD – parameter is guaranteed by design and is not tested.


Similar Part No. - IR11688S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR11688SPBF INFINEON-IR11688SPBF Datasheet
928Kb / 27P
   DUAL SYNCHRONOUS RECTIFICATION CONTROL IC
2016-1-18
IR11688STRPBF INFINEON-IR11688STRPBF Datasheet
928Kb / 27P
   DUAL SYNCHRONOUS RECTIFICATION CONTROL IC
2016-1-18
More results

Similar Description - IR11688S

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IR11688SPBF INFINEON-IR11688SPBF Datasheet
928Kb / 27P
   DUAL SYNCHRONOUS RECTIFICATION CONTROL IC
2016-1-18
logo
Shenzhen Tianyuan Semic...
TP5188 TPOWER-TP5188 Datasheet
306Kb / 4P
   Synchronous rectification boost IC
logo
SHENZHEN FUMAN ELECTRON...
TC9700 FUMAN-TC9700 Datasheet
262Kb / 8P
   Secondary synchronous rectification IC
logo
Mitsumi Electronics, Co...
MM3669AF MITSUMI-MM3669AF Datasheet
447Kb / 10P
   The synchronous rectification control IC for AC-DC converter
logo
Rohm
BM1R00146F ROHM-BM1R00146F Datasheet
2Mb / 26P
   Secondary Side Synchronous Rectification Controller IC
logo
International Rectifier
IRF3703PBF IRF-IRF3703PBF_15 Datasheet
188Kb / 9P
   Synchronous Rectification
IRFP3703PBF IRF-IRFP3703PBF_15 Datasheet
220Kb / 9P
   Synchronous Rectification
logo
Rohm
BD85506F ROHM-BD85506F Datasheet
2Mb / 37P
   High Efficiency / Low Standby Power 2-Channel Secondary Side Synchronous Rectification Control IC
logo
STMicroelectronics
STODD01 STMICROELECTRONICS-STODD01 Datasheet
1Mb / 31P
   Synchronous rectification
February 2011 Rev 2
ST2S06 STMICROELECTRONICS-ST2S06 Datasheet
339Kb / 18P
   Synchronous rectification
May 2013 Rev 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com