Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSA130-S36 Datasheet(PDF) 1 Page - Tumbler Technologies + TRUMPower

Part # TSA130-S36
Description  65-130W Single & Dual Outputs Power Adapters
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TRUMPOWER [Tumbler Technologies + TRUMPower]
Direct Link  http://www.trumpower.com
Logo TRUMPOWER - Tumbler Technologies + TRUMPower

TSA130-S36 Datasheet(HTML) 1 Page - Tumbler Technologies + TRUMPower

  TSA130-S36 Datasheet HTML 1Page - Tumbler Technologies + TRUMPower TSA130-S36 Datasheet HTML 2Page - Tumbler Technologies + TRUMPower  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TRUMPower
TSA130 Series
65-130W Single & Dual Outputs Power Adapters
Tumbler Technologies + TRUMPower
3350 Scott Blvd., Building 13 • Santa Clara, California 95054, USA • 408-988-6616 • sales@trumpower.com • www.TRUMPower.com
INPUT SPECIFICATIONS
Input Voltage Range ............ 90~260 VAC
Input Frequency ................... 47~63Hz
Input Current ........................ 3.2A rms @ 100 VAC, 240 VAC
Inrush Current ..................... 30A @ 115 VAC or 60A @ 230 VAC,
at 25°C cold start
Earth Leakage Current ........ 0.75mA max. @ 240 VAC, 60Hz
OUTPUT SPECIFICATIONS
Output Power Ratings ......... See models list
Minimum Load .................... See models list
Line Regulation ................... ±1% max. @ full load
Load Regulation .................. ±10% max. @ full load
Total Regulation .................. See models list
Ripple and Noise ................ 1% p-p max. (except 2% for 3.3V)
at full load
Overvoltage Protection ........ Set at 112-132% of its nominal
output voltage
Overcurrent Protection ........ Set at 110-150% of its nominal
output voltage
Temperature Coefficient ..... ±0.04%/°C max.
Transient Response ........... 4ms @ full load, 100 VAC input
GENERAL SPECIFICATIONS
Power Factor ....................... 0.95-1.0
Efficiency ............................. 80%-85% @ FL, 230 VAC input
Switching Frequency ........... 50~65KHz
Start Up Time ....................... 3 sec. max @ FL, 100 VAC input
Hold-Up Time ...................... 50ms min. @ FL, 110VAC input
Operating Temperature ...... 0°C to +70°C
Derating ............................... Derate from 100% at +25°C linearly
to 50% at +70°C
Storage Temperature .......... -40°C to +85°C
Relative Humidity ................ 0°C to +95°C non-condensing
Withstand Voltage ............... 4,242 VDC from input to output,
2,121 VDC from input to ground
MTBF .................................... 100K hours minimum at full load,
25°C ambient, calculated per
MIL-HDBK-217F
STANDARDS & COMPLIANCES
EN 55011, EN 55022 ........ Class B, conducted & radiated
FCC, VCCI ......................... Class B, conducted & radiated
EN 61000-3-2 .................... Harmonic distortion, Class A & D
EN 61000-3-3 .................... Line flicker
EN 61000-4-2 .................... ESD, ±8 KV air and ±6 KV contact
EN 61000-4-3 .................... Radiated immunity, 3V/m
EN 61000-4-4 .................... Fast transient/burst, ±2 KV
EN 61000-4-5 .................... Surge, ±1 KV diff., ±2 KV com.
EN 61000-4-6 .................... Conducted immunity, 3 Vrms
EN 61000-4-8 .................... Magnetic field immunity, 3A/m
EN 61000-4-11 .................. Voltage dip immunity,
30% reduction for 500ms,
60% reduction for 100ms,
>95% reduction for 10ms
Safety Standards ............... UL/IEC/EN 60950-1 (2nd Edition)
Agency Approvals .............. UL, cUL, GS, PSE, CCC, IRAM, CE, CB
Other Compliances .......... RoHS2, CEC
FEATURES
• IEC 320/C14 AC Inlet
• Active Power Factor Correction
• Single 3-55V Output & Dual Outputs Available
• 50ms Minimum Hold-up Time
• Built-in Cooling Fan
• Optional Mounting Tab
• UL/IEC/EN 60950-1 2nd Edition Approvals
MECHANICAL SPECIFICATIONS
Unit: inch [mm]
Tolerance: 0.02 [0.5] maximum
Weight: 670g (1.48 lbs) approx.
Notes:
1. Standard output connector: 4 pins power DIN for single output models
(except 3.3V and 5V); 8 pins DIN for dual outputs models.
2. Contact TRUMPower for other output connector options.


Similar Part No. - TSA130-S36

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TSA13 ETC1-TSA13 Datasheet
534Kb / 4P
   EURO TERMINAL BLOCKS
logo
Tumbler Technologies + ...
TSA131 TRUMPOWER-TSA131 Datasheet
245Kb / 2P
   130W ITE Grade Power Adapters
More results

Similar Description - TSA130-S36

ManufacturerPart #DatasheetDescription
logo
Tumbler Technologies + ...
TSA131 TRUMPOWER-TSA131 Datasheet
245Kb / 2P
   130W ITE Grade Power Adapters
TMP65 TRUMPOWER-TMP65 Datasheet
103Kb / 2P
   65 Watts Medical Grade Power Adapters
TPA150 TRUMPOWER-TPA150 Datasheet
94Kb / 2P
   150 Watts Multiple Outputs Power Adapters
logo
Bel Fuse Inc.
MBC60 BEL-MBC60 Datasheet
817Kb / 5P
   50 - 65 W Single to Triple Outputs
logo
Mospec Semiconductor
2SA1386 MOSPEC-2SA1386 Datasheet
124Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
SL Power Electronics
LBS130S SLPOWER-LBS130S Datasheet
296Kb / 3P
   130W Single Output LED Supply
logo
XP Power Limited
SDL400PS12 XPPOWER-SDL400PS12 Datasheet
1,020Kb / 4P
   Single & Dual Outputs
logo
Mospec Semiconductor
2SC3519 MOSPEC-2SC3519 Datasheet
138Kb / 3P
   POWER TRANSISTORS(15A,130W)
logo
List of Unclassifed Man...
PTH65 ETC-PTH65 Datasheet
127Kb / 2P
   65 Watts Single, Dual & Triple Output Switching Power Supply
logo
Wall Industries,Inc.
LANCW15 WALL-LANCW15_16 Datasheet
276Kb / 5P
   Single and Dual Outputs
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com