Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB6258 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PMB6258
Description  SMARTi DC EDGE RF Transceiver
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB6258 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PMB6258 Datasheet HTML 1Page - Infineon Technologies AG PMB6258 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Never
stop
think i ng.
SM A R T i D C + is the first proven EDGE RF transceiver solution in
high volume production offering outstanding RF performance for
GPRS and EDGE.
It is Infineon Technologies 4th generation of the widely successful
SMARTi family of single chip radio transceivers. SMARTi DC+ is
a EDGE quad-band (GSM850/900/1800/1900) radio transceiver
supporting worldwide roaming.
With SMARTi DC+ all functions required for a cost and board space
optimized state of the art EDGE radio are integrated. All variants of
a GSM product family from high end EDGE to low end speech only
can be realized with the same radio design, answering the needs of
time to market.
SMARTi DC+ is entirely controlable through a 3 wire bus and offers
a standard I/Q interface to a wide variety of BB solutions.
In combination with Infineons S-GOLD EDGE BB Modem a compact
system approach can be achieved, which results in a very cost
effective EDGE solution.
App l ic ation s
EDGE Quad-Band Mobile Phones and Data Modems
Fea t u r es
Full Quad-Band solution for GSM850/900/1800/1900 with
integrated LNAs for worldwide roaming
Full integration of RF VCO
SAM Fast lock PLL for GPRS class 12
Multiplexed I/Q lines
Simple programming with 3 wire bus
Using Infineons EDGE VGA (PMB2259),
completes the linear RF EDGE line up
Te c h n o l o g y
Based on Infineons proven
B9c 0.25 µm BiCMOS Technology
Supply Voltage 2.6 V – 2.8 V
P-VQFN-48 Package (7 x 7 mm)
GSM/GPRS Quad-Band Mobile Phones and
Data Modems
Full EDGE capability in transmit and
receive mode
Direct Conversion Receiver with integrated
channel filtering
26 MHz VCXO integrated
Automatic DC offset compensation
Programmable DC output level
Excellent Low Noise Directmodulator for
EDGE and GSM
www .infineon. c o m/mob i le so lution s
PMB 6 2 58
SM A R T i D C +
EDGE RF T r an s c eiver
Mo b i l e So lution s
Product Brief


Similar Part No. - PMB6258

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB6270 INFINEON-PMB6270 Datasheet
196Kb / 2P
   SMARTi SD GSM / GPRS Single Chip RF IC
2004
More results

Similar Description - PMB6258

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
PMB5699 INFINEON-PMB5699 Datasheet
164Kb / 2P
   SMARTi U Single - Chip W-CDMA/UMTS Transceiver
2004
PMB6270 INFINEON-PMB6270 Datasheet
196Kb / 2P
   SMARTi SD GSM / GPRS Single Chip RF IC
2004
logo
List of Unclassifed Man...
SMARTALPHA-433 ETC2-SMARTALPHA-433 Datasheet
4Mb / 14P
   RF Transceiver
logo
Texas Instruments
CC400 TI1-CC400 Datasheet
566Kb / 2P
[Old version datasheet]   RF Transceiver
logo
Analog Devices
AD9361 AD-AD9361 Datasheet
639Kb / 36P
   RF Agile Transceiver
Rev. F
AD6411 AD-AD6411 Datasheet
112Kb / 11P
   DECT RF Transceiver
REV. 0
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ-REEL AD-AD9361BBCZ-REEL Datasheet
596Kb / 36P
   RF Agile Transceiver
REV. D
AD9361BBCZ AD-AD9361BBCZ Datasheet
83Kb / 2P
   RF Agile Transceiver
Rev. SpC
logo
NXP Semiconductors
OL2385 NXP-OL2385 Datasheet
854Kb / 85P
   Industrial RF transceiver
Rev. 1.0-15 June 2016
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com