Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PMB2314 Datasheet(PDF) 10 Page - Infineon Technologies AG

Part # PMB2314
Description  Prescaler Circuit 2.1 GHz
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PMB2314 Datasheet(HTML) 10 Page - Infineon Technologies AG

Back Button PMB2314 Datasheet HTML 6Page - Infineon Technologies AG PMB2314 Datasheet HTML 7Page - Infineon Technologies AG PMB2314 Datasheet HTML 8Page - Infineon Technologies AG PMB2314 Datasheet HTML 9Page - Infineon Technologies AG PMB2314 Datasheet HTML 10Page - Infineon Technologies AG PMB2314 Datasheet HTML 11Page - Infineon Technologies AG PMB2314 Datasheet HTML 12Page - Infineon Technologies AG PMB2314 Datasheet HTML 13Page - Infineon Technologies AG PMB2314 Datasheet HTML 14Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
Data Sheet
10
Version 1.2, 2003-12-04
PMB 2314T
Version 1.5
Test Circuit
7Test Circuit
US
spectrum
analyser
50
Input sensitivity and output logic swing measurement
Signal
generator
(50
Ω)
1
2
3
4
5
6
7
8
PMB
2314
Frequency
counter
Scope
Cload
RL
US
1n
UI
U
SW
UQ
US
UMOD
GND
USTB
1n
UI2
Cload <= 8pF inc.
jig and instrument
input capacitance
RL only needed for
enhanced driving
capability.
1n


Similar Part No. - PMB2314

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
   Prescaler Circuit 2.1 GHz PMB 2314T
More results

Similar Description - PMB2314

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PMB2314-T SIEMENS-PMB2314-T Datasheet
160Kb / 14P
   Prescaler Circuit 2.1 GHz PMB 2314T
logo
Infineon Technologies A...
PMB2313T INFINEON-PMB2313T Datasheet
685Kb / 20P
   Prescaler Circuit 1.1 GHz
V 1.2, December 2003
logo
Siemens Semiconductor G...
PMB2313T SIEMENS-PMB2313T Datasheet
218Kb / 19P
   Prescaler Circuit 1.1 GHz
logo
ON Semiconductor
MC12080 ONSEMI-MC12080_13 Datasheet
107Kb / 4P
   1.1 GHz Prescaler
May, 2013 ??Rev. 7
MC12080 ONSEMI-MC12080_06 Datasheet
123Kb / 4P
   1.1 GHz Prescaler
January, 2006 ??Rev. 6
logo
Johanson Technology Inc...
2100BL15A100 JOHANSON-2100BL15A100 Datasheet
124Kb / 2P
   2.1 Ghz Balun
logo
List of Unclassifed Man...
U666BS ETC-U666BS Datasheet
24Kb / 1P
   GHz prescaler (factor = 256)
logo
ON Semiconductor
MC12026A ONSEMI-MC12026A_06 Datasheet
130Kb / 6P
   1.1 GHz Dual Modulus Prescaler
January, 2006 ??Rev. 8
logo
OKI electronic componet...
KGL2135 OKI-KGL2135 Datasheet
45Kb / 3P
   1.7 GHz Two-Modulus Prescaler
logo
TriQuint Semiconductor
TGV2204-FC TRIQUINT-TGV2204-FC_15 Datasheet
442Kb / 10P
   19 GHz VCO with Prescaler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com