Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SK1040D2 Datasheet(PDF) 2 Page - Diotec Semiconductor

Part # SK1040D2
Description  Surface Mount Schottky Rectifiers - Single Diode
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOTEC [Diotec Semiconductor]
Direct Link  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

SK1040D2 Datasheet(HTML) 2 Page - Diotec Semiconductor

  SK1040D2 Datasheet HTML 1Page - Diotec Semiconductor SK1040D2 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SK1020D2 ... SK10100D2
Characteristics
Kennwerte
Leakage current
Sperrstrom
SK1020D2...
SK1045D2
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 300 µA
< 45 mA
Leakage current
Sperrstrom
SK1050D2...
SK10100D2
Tj = 25°C
Tj = 100°C
VR = VRRM
IR
< 200 µA
< 25 mA
Thermal resistance junction to case
Wärmewiderstand Sperrschicht - Gehäuse
RthC
< 1.5 K/W
2
http://www.diotec.com/
© Diotec Semiconductor AG
Rated forward current vs. temp. of the case
in Abh. v. d. Gehäusetemperatur
Zul. Richtstrom
120
100
80
60
40
20
0
I
FAV
[%]
[°C]
T
C
150
100
50
0
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
SK1020D2...SK1045D2
SK1050D2, SK1060D2
SK1080D2, SK10100D2
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
10
10
10
4
3
2
1
10
10
[µA]
I
R
0
V
RRM
40
60
80
100 [%]
Typ. instantaneous leakage current vs. rev. voltage
Typ. Sperrstrom (Augenblickswert) ü. Sperrspannung
T = 25°C
j
T = 125°C
j
T = 75°C
j
V
= 20V ... 45V
RRM
T = 100°C
j
T = 50°C
j
T = 150°C
j
Forward characteristics (typical values)
Durchlasskennlinien (typische Werte)
10
10
1
10
10
2
-1
-2
[A]
I
F
0
V
F
0.4
0.6
[V]
1.0
T = 125°C
j
T = 25°C
j
T = 150°C
j
SK1020D2...SK1045D2


Similar Part No. - SK1040D2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK1040D2 DIOTEC-SK1040D2 Datasheet
114Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1040D2 DIOTEC-SK1040D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1040D2 DIOTEC-SK1040D2 Datasheet
119Kb / 2P
   Surface Mount Schottky Rectifiers
SK1040D2 DIOTEC-SK1040D2 Datasheet
166Kb / 2P
   SMD Schottky Barrier Rectifier Diodes
logo
Inchange Semiconductor ...
SK1040D2 ISC-SK1040D2 Datasheet
292Kb / 2P
   Schottky Barrier Rectifier
More results

Similar Description - SK1040D2

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
SK2020YD2 DIOTEC-SK2020YD2_13 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers . Single Diode
SK2020YD2 DIOTEC-SK2020YD2 Datasheet
140Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D2 DIOTEC-SK1020D2 Datasheet
79Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D1 DIOTEC-SK1020D1 Datasheet
81Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1020D2 DIOTEC-SK1020D2_10 Datasheet
114Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1820D2 DIOTEC-SK1820D2 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK2530YD2 DIOTEC-SK2530YD2 Datasheet
158Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK1020D1 DIOTEC-SK1020D1_09 Datasheet
125Kb / 2P
   Surface Mount Schottky Rectifiers - Single Diode
SK1520YD2 DIOTEC-SK1520YD2 Datasheet
136Kb / 2P
   Surface Mount Schottky Rectifiers ??Single Diode
SK82 DIOTEC-SK82_07 Datasheet
105Kb / 2P
   Surface Mount Schottky Rectifiers
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com