Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PEB22811HV13 Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # PEB22811HV13
Description  ETHERNET OVER VDSL CHIPSET
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB22811HV13 Datasheet(HTML) 1 Page - Infineon Technologies AG

  PEB22811HV13 Datasheet HTML 1Page - Infineon Technologies AG PEB22811HV13 Datasheet HTML 2Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
10BaseS
TM
Never
stop
think i ng.
P RO DU C T
B RIEF
Applications
10BaseS, Ethernet over VDSL,
CPE (Customer Premises Equip-
ment) or NIC (Network Interface
Card)
Multiple Dwelling/Tenant Units
(MDU/MTU) networking
Hospitality networking
Multi-building campus networking
High speed industrial environment
network
Fiber, broadband wireless and
cable LAN extension
Features
Compatible with IEEE 802.3
Ethernet MII, RMII, SMII and
7 wire interfaces
Symmetric 10 or 100 Mbit/s
Ethernet speed at full duplex
Configurable as standard
Ethernet PHY for use in CPE or
NIC applications
MII Serial Management Interface
supports full access to all internal
registers and control of both local
and remote devices
No need for glue logic. Standard
interfaces provide direct connection
to Ethernet MAC and PHY devices
Address filtering, self-learning and
aging up to 32 addresses
Internal buffering, back pressure
and IEEE 802.3x flow control
capabilities
Configurable as Ethernet MAC for
direct operation with standard
Ethernet PHY in CPE or NIC
Supports Ethernet SNMP MIB
counters
Quadrature Amplitude Modulation
(QAM)
Frequency division duplexing
Symmetrical/asymmetrical line
rates from below 1 Mbit/s up to
25 Mbit/s
Delivers symmetrical 10 Mbit/s
payload up to a distance of
4000 ft/1200 m
Robust operation handles micro-
interruptions, impulse noise and
severely distorted lines
Spectral allocation allows noise-
free operation with xDSL, ISDN
(2B1Q/4B3T), “Smartphone”
digital PBX devices
Transmit Notch filter, Scrambler,
Reed-Solomon Forward Error
Correction (FEC) and
Convolutional Interleaver with
internal SRAM
Link watchdog combined with
robust link configuration ensures
link establishment
Transmit power management
Low power consumption -
1.5 W including line driver
Power boost for extended reach
Power down mode with fast warm
start capability (< 100 ms)
Digitally Controlled Crystal Oscil-
lator (DCXO) for timing recovery
Embedded microcontroller for
stand-alone operation
JTAG for chip level and board
level testing
10B a seS
TM
Ethernet o v er VD SL Chip set
PEF 22810 (VD S L - L)
PEB 22811 (VD S L - A)
PEF 22822 (10B a s eS-D)
10BaseS
TM is an innovative technology offering the
simplicity of Ethernet coupled with the high perfor-
mance of VDSL. Utilizing 10BaseS, a system deliv-
ers 10 Mbit/s, full duplex Ethernet over existing
copper wire infrastructure up to a distance of
4000 ft/1200 m. It simultaneously supports high
speed DATA transmission with POTS, ISDN or PBX
signaling, without disruption.
Ethernet MAC and PHY functionality are integrated
into Infineon’s 10BaseS chipset, achieving direct
connectivity with standard Ethernet physical layer
and switching devices. Its VDSL technology uses
frequency division duplexing and QAM modula-
tion to provide robust operation. Its spectral allo-
cation allows noise-free coexistence with other
xDSL technologies in the same bundle.
10BaseS is the best solution for distribution of
broadband services in MDU/MTU and hospitality
markets and the most suitable solution for broad-
band LAN extension applications.


Similar Part No. - PEB22811HV13

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
PEB22320 SIEMENS-PEB22320 Datasheet
295Kb / 45P
   Primary Rate Access Clock Generator and Transceiver PRACT
PEB22320N SIEMENS-PEB22320N Datasheet
295Kb / 45P
   Primary Rate Access Clock Generator and Transceiver PRACT
PEB2245 SIEMENS-PEB2245 Datasheet
1,021Kb / 70P
   Multipoint Switching and Conferencing Unit - Attenuation MUSAC
PEB2245-N SIEMENS-PEB2245-N Datasheet
65Kb / 2P
   multipoint switching and conferencing unit (musac)
logo
Infineon Technologies A...
PEB22504 INFINEON-PEB22504 Datasheet
1Mb / 128P
   Quad Line Interface Unit for E1?껿1?껲1 QuadLIU
February 2001 Version 1.1
More results

Similar Description - PEB22811HV13

ManufacturerPart #DatasheetDescription
logo
Bothhand USA, LP.
VD-7008 BOTHHAND-VD-7008 Datasheet
377Kb / 1P
   HPF OVER VDSL
logo
MPS Industries, Inc.
B3336G MPSIND-B3336G Datasheet
176Kb / 1P
   VDSL LINE TRANSFORMER CONEXANT ACCELITY I CHIPSET
B3337G MPSIND-B3337G Datasheet
167Kb / 1P
   VDSL LINE TRANSFORMER CONEXANT ACCELITY, ACCELITY I & II CHIPSET
logo
Zarlink Semiconductor I...
SC220 ZARLINK-SC220 Datasheet
614Kb / 34P
   XpressFlow 2020 Ethernet Routing Switch Chipset
logo
Level One
FCS-1101 LVL1-FCS-1101 Datasheet
191Kb / 3P
   PoE(Power over Ethernet)
logo
List of Unclassifed Man...
AG8200 ETC2-AG8200 Datasheet
354Kb / 16P
   Power-Over-Ethernet Module
logo
AAEON Technology
PER-P09D AAEON-PER-P09D Datasheet
204Kb / 1P
   Power over Ethernet Module
logo
Bourns Electronic Solut...
CDNBS08-PLC03-3.3 BOURNS-CDNBS08-PLC03-3.3_10 Datasheet
826Kb / 1P
   Power Over Ethernet (PoE)
logo
List of Unclassifed Man...
AG8100 ETC2-AG8100 Datasheet
364Kb / 16P
   Power-Over-Ethernet Module
AG8000 ETC2-AG8000 Datasheet
306Kb / 14P
   Power-Over-Ethernet Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com