Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G06YZVR Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06YZVR
Description  Single Inverter Buffer/Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06YZVR Datasheet(HTML) 11 Page - Texas Instruments

Back Button SN74LVC1G06YZVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 14Page - Texas Instruments SN74LVC1G06YZVR Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 30 page
background image
VCC
Unused Input
Input
Output
Output
Input
Unused Input
Frequency - MHz
0
20
40
60
80
0
200
400
600
800
1000
1200
1400
1600
D001
Icc 1.8V
Icc 2.5V
Icc 3.3V
Icc 5V
SN74LVC1G06
www.ti.com
SCES295X – JUNE 2000 – REVISED AUGUST 2015
Typical Application (continued)
10.2.3 Application Curve
Figure 5. ICC vs Frequency
11 Power Supply Recommendations
The power supply can be any voltage between the minimum and maximum supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, a 0.1-
μF capacitor is recommended and if there are multiple VCC pins then a 0.01-μF or 0.022-μF
capacitor is recommended for each power pin. It is ok to parallel multiple bypass caps to reject different
frequencies of noise. 0.1-
μF and 1-μF capacitors are commonly used in parallel. The bypass capacitor should be
installed as close to the power pin as possible for best results.
12 Layout
12.1 Layout Guidelines
When using multiple bit logic devices inputs must not ever float. In many cases, functions or parts of functions of
digital logic devices are unused; for example, when only two inputs of a triple-input AND gate are used or only 3
of the 4 buffer gates are used. Such input pins must not be left unconnected because the undefined voltages at
the outside connections result in undefined operational states. Specified below are the rules that must be
observed under all circumstances. All unused inputs of digital logic devices must be connected to a high or low
bias to prevent them from floating. The logic level that should be applied to any particular unused input depends
on the function of the device. Generally they will be tied to GND or VCC whichever make more sense or is more
convenient.
12.2 Layout Example
Figure 6. Layout Diagram
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: SN74LVC1G06


Similar Part No. - SN74LVC1G06YZVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06YZVR TI-SN74LVC1G06YZVR Datasheet
674Kb / 17P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06YZVR TI1-SN74LVC1G06YZVR Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G06YZVR

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Renesas Technology Corp
HD74ALVC1G06 RENESAS-HD74ALVC1G06 Datasheet
76Kb / 7P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G06 RENESAS-HD74ALVC1G06_15 Datasheet
109Kb / 9P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
HD74ALVC1G04 RENESAS-HD74ALVC1G04 Datasheet
80Kb / 10P
   Single Inverter Buffer
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com