Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G06DCKTG4 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G06DCKTG4
Description  Single Inverter Buffer/Driver
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LVC1G06DCKTG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LVC1G06DCKTG4 Datasheet HTML 3Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 4Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 5Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 6Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 7Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 8Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 9Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 10Page - Texas Instruments SN74LVC1G06DCKTG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
Temperature - °C
-100
-50
0
50
100
150
0
0.5
1
1.5
2
2.5
D001
TPD
Vcc - V
0
1
2
3
4
5
6
0
1
2
3
4
5
6
D002
TPD
SN74LVC1G06
www.ti.com
SCES295X – JUNE 2000 – REVISED AUGUST 2015
Electrical Characteristics (continued)
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP(1)
MAX
UNIT
Ci
VI = VCC or GND
3.3 V
4
pF
Co
VO = VCC or GND
3.3 V
5
pF
7.6 Switching Characteristics, –40°C to 85°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2.2
6.5
1.1
4
1.2
4
1
3
ns
7.7 Switching Characteristics, –40°C to 125°C
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
FROM
TO
± 0.15 V
± 0.2 V
± 0.3 V
± 0.5 V
PARAMETER
UNIT
(INPUT)
(OUTPUT)
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
tpd
A
Y
2.2
7
1.1
4.5
1.2
4.5
1
3.5
ns
7.8 Operating Characteristics
TA = 25°C
VCC = 1.8 V
VCC = 2.5 V
VCC = 3.3 V
VCC = 5 V
PARAMETER
TEST CONDITIONS
UNIT
TYP
TYP
TYP
TYP
Cpd
Power dissipation capacitance
f = 10 MHz
3
3
4
6
pF
7.9 Typical Characteristics
Figure 1. TPD Across Temperature at 3.3-V VCC
Figure 2. TPD Across VCC at 25°C
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LVC1G06


Similar Part No. - SN74LVC1G06DCKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G06DCKTG4 TI1-SN74LVC1G06DCKTG4 Datasheet
1Mb / 24P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06DCKTG4 TI1-SN74LVC1G06DCKTG4 Datasheet
1Mb / 41P
[Old version datasheet]   Single Inverter Buffer/Driver With Open-Drain Output
More results

Similar Description - SN74LVC1G06DCKTG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
U74AUP1G06 UTC-U74AUP1G06_15 Datasheet
214Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G07 UTC-U74AUP1G07_15 Datasheet
217Kb / 5P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
U74AUP1G14 UTC-U74AUP1G14_15 Datasheet
186Kb / 6P
   LOW-POWER SINGLE INVERTER BUFFER/DRIVER
logo
Renesas Technology Corp
HD74ALVC1G06 RENESAS-HD74ALVC1G06 Datasheet
76Kb / 7P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G06 RENESAS-HD74ALVC1G06_15 Datasheet
109Kb / 9P
   Single Inverter Buffer / Driver with Open Drain
HD74ALVC1G04 RENESAS-HD74ALVC1G04_15 Datasheet
104Kb / 12P
   Single Inverter Buffer
HD74ALVC1G04 RENESAS-HD74ALVC1G04 Datasheet
80Kb / 10P
   Single Inverter Buffer
logo
Diodes Incorporated
74LVCE1G06 DIODES-74LVCE1G06 Datasheet
220Kb / 10P
   SINGLE INVERTER BUFFER/DRIVER WITH OPEN DRAIN OUTPUT
DS32273 Rev. 1 - 2
logo
Texas Instruments
SN74AUC1G06 TI-SN74AUC1G06 Datasheet
332Kb / 13P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
SN74LVC1G06-EP TI-SN74LVC1G06-EP Datasheet
142Kb / 7P
[Old version datasheet]   SINGLE INVERTER BUFFER/DRIVER WITH OPEN-DRAIN OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com