Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV244ADWRG4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV244ADWRG4
Description  Octal Buffers and Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV244ADWRG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV244ADWRG4 Datasheet HTML 6Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 7Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 8Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 9Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 10Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 11Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 12Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 13Page - Texas Instruments SN74LV244ADWRG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 30 page
background image
1
2
18
1Y1
1OE
1A1
4
16
1Y2
1A2
6
14
1Y3
1A3
8
12
1Y4
1A4
19
11
9
2Y1
2OE
2A1
13
7
2Y2
2A2
15
5
2Y3
2A3
17
3
2Y4
2A4
SN74LV244A
SCLS383N – SEPTEMBER 1997 – REVISED OCTOBER 2015
www.ti.com
8 Detailed Description
8.1 Overview
The SN74LV244 devices are octal buffers grouped in fours, with each group having its own enable pin. The LV
family supports high current drive of about 16 mA, thus making it suitable for driving digital signals over longer
board lengths. This device is generally used to buffer or incorporate delays between the signals between two
microcontroller or peripheral devices.
8.2 Functional Block Diagram
8.3 Feature Description
The SN74LV244A, a part of LV family, can work over a wide voltage range from 2 V to 5.5 V. The device
features a very low propagation delay of about 6.5 ns when enabled for 5-V VCC, which allows the device to be
used for high-speed applications. The device supports a partial-power-down mode for low quiescent current
application, thus making it the buffer of choice in power-efficient circuits. The Ioff circuitry also disables the
outputs, preventing damaging current backflow through the devices when they are powered down.
8.4 Device Functional Modes
The SN74LV244A devices are organized as two 4-bit line drivers with separate output-enable (OE) inputs. When
OE is low, the device passes data from the A inputs to the Y outputs. When OE is high, the outputs are in the
high-impedance state. To ensure the high-impedance state during power up or power down, OE must be tied to
VCC through a pullup resistor; the minimum value of the resistor is determined by the current-sinking capability of
the driver.
Table 1. Function Table
INPUTS
OUTPUTS
OE
A
Y
L
L
L
L
H
H
H
X
Z
10
Submit Documentation Feedback
Copyright © 1997–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV244A


Similar Part No. - SN74LV244ADWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244ADWRG4 TI-SN74LV244ADWRG4 Datasheet
710Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV244ADWRG4 TI-SN74LV244ADWRG4 Datasheet
2Mb / 40P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244ADWRG4 TI-SN74LV244ADWRG4 Datasheet
2Mb / 44P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED DECEMBER 2022
SN74LV244ADWRG4 TI1-SN74LV244ADWRG4 Datasheet
2Mb / 42P
[Old version datasheet]   SN74LV244A Octal Buffers and Drivers With 3-State Outputs
REVISED JANUARY 2023
More results

Similar Description - SN74LV244ADWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com