Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV4046ANE4 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LV4046ANE4
Description  High-Speed CMOS Logic Phase-Locked Loop
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV4046ANE4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LV4046ANE4 Datasheet HTML 6Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 7Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 8Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 9Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 10Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 11Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 12Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 13Page - Texas Instruments SN74LV4046ANE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 26 page
background image
Voltage
Controlled
Oscillator
Phase
Comparator
1
Phase
Comparator
2
Phase
Comparator
3
3
COMPIN
SIGIN 14
2
PC1OUT
PCPOUT
1
5
INH
VCOOUT
4
7
C1B
C1A
6
9
VCOIN
GND
8
11
R1
DEMOUT
10
13 PC2OUT
R2 12
15 PC3OUT
VCC
16
SN74LV4046A
SCES656D – FEBRUARY 2006 – REVISED SEPTEMBER 2015
www.ti.com
7 Detailed Description
7.1 Overview
The SN74LV4046A is a high-speed silicon-gate CMOS device that is pin compatible with the CD4046B and the
CD74HC4046. The device is specified in compliance with JEDEC Std 7.
The SN74LV4046A is a phase-locked loop (PLL) circuit that contains a linear voltage-controlled oscillator (VCO)
and three different phase comparators (PC1, PC2, and PC3) as explained in the Features section. A signal input
and a comparator input are common to each comparator as shown in the Functional Block Diagram.
The signal input can be directly coupled to large voltage signals, or indirectly coupled (with a series capacitor) to
small voltage signals. A self-bias input circuit keeps small voltage signals within the linear region of the input
amplifiers. With a passive lowpass filter, the SN74LV4046A forms a second-order loop PLL. The excellent VCO
linearity is achieved by the use of linear operational amplifier techniques. Various applications include
telecommunications, Digital Phase Locked Loop and Signal generators.
The VCO requires one external capacitor C1 (between C1A and C1B) and one external resistor R1 (between R1
and GND) or two external resistors R1 and R2 (between R1 and GND, and R2 and GND). Resistor R1 and
capacitor C1 determine the frequency range of the VCO. Resistor R2 enables the VCO to have a frequency
offset if required. The high input impedance of the VCO simplifies the design of lowpass filters by giving the
designer a wide choice of resistor or capacitor ranges. In order not to load the lowpass filter, a demodulator
output of the VCO input voltage is provided at pin 10 (DEMOUT). In contrast to conventional techniques where the
DEMOUT voltage is one threshold voltage lower than the VCO input voltage, here the DEMOUT voltage equals that
of the VCO input. If DEMOUT is used, a load resistor (RS) should be connected from DEMOUT to GND; if unused,
DEMOUT should be left open. The VCO output (VCOOUT) can be connected directly to the comparator input
(COMPIN), or connected through a frequency divider. The VCO output signal has a specified duty factor of 50%.
A LOW level at the inhibit input (INH) enables the VCO and demodulator, while a HIGH level turns both off to
minimize standby power consumption.
7.2 Functional Block Diagram
10
Submit Documentation Feedback
Copyright © 2006–2015, Texas Instruments Incorporated
Product Folder Links: SN74LV4046A


Similar Part No. - SN74LV4046ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV4046ANE4 TI-SN74LV4046ANE4 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results

Similar Description - SN74LV4046ANE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
CD74HC297 TI1-CD74HC297 Datasheet
255Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI1-CD54HC297_14 Datasheet
251Kb / 15P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD54HC297 TI-CD54HC297 Datasheet
243Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked Loop
CD74HC297 TI-CD74HC297 Datasheet
97Kb / 11P
[Old version datasheet]   High-Speed CMOS Logic Digital Phase-Locked-Loop
CD74HC4046A TI-CD74HC4046A Datasheet
316Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_10 Datasheet
503Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_08 Datasheet
443Kb / 28P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A_08 Datasheet
536Kb / 15P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
CD54HC4046A TI-CD54HC4046A_07 Datasheet
505Kb / 32P
[Old version datasheet]   High-Speed CMOS Logic Phase-Locked Loop with VCO
SN74LV4046A TI-SN74LV4046A Datasheet
297Kb / 12P
[Old version datasheet]   HIGH-SPEED CMOS LOGIC PHASE-LOCKED LOOP WITH VCO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com