Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV8154PWG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN74LV8154PWG4
Description  Dual 16-Bit Binary Counters With 3-State Output Registers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV8154PWG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN74LV8154PWG4 Datasheet HTML 1Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 2Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 3Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 4Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 5Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 6Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 7Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 8Page - Texas Instruments SN74LV8154PWG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CLKA
CLKB
GAL
GAU
GBL
GBU
RCLK
RCOA
CLKBEN
GND
VCC
Y0
Y1
Y2
Y3
Y4
Y5
Y6
Y7
CCLR
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
SN74LV8154
www.ti.com
SCLS589A – AUGUST 2004 – REVISED OCTOBER 2015
5 Pin Configuration and Functions
N or PW Package
20-Pin PDIP or TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NAME
NO.
CCLR
11
I
Clock clear, asyncrounous active-low clear for both counters
CLKA
1
I
Clock A, rising edge count clock
CLKB
2
I
Clock B, rising edge count clock
CLKBEN
9
I
Clock B enable, acitive-low allows clocking for counter B; connect to RCOA for 32-bit counter.
GAL
3
I
Gate A lower byte, acitve-low puts lower byte of stored counter A on the Y bus.
GAU
4
I
Gate A upper byte, acitve-low puts upper byte of stored counter A on the Y bus.
GBL
5
I
Gate B lower byte, acitve-low puts lower byte of stored counter B on the Y bus.
GBU
6
I
Gate B upper byte, acitve-low puts upper byte of stored counter B on the Y bus.
GND
10
Ground
RCLK
7
I
Register Clock, rising edge stores counters into an internal storage register
Ready case overflow A, active low when counter A is full count and ready to overflow on next
RCOA
8
O
clock A
VCC
20
Power supply pin
Y0
19
O
Data output bit 0 (LSB)
Y1
18
O
Data output bit 1
Y2
17
O
Data output bit 2
Y3
16
O
Data output bit 3
Y4
15
O
Data output bit 4
Y5
14
O
Data output bit 5
Y6
13
O
Data output bit 6
Y7
12
O
Data output bit 7 (MSB)
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN74LV8154


Similar Part No. - SN74LV8154PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154PWG4 TI-SN74LV8154PWG4 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154PWG4 TI-SN74LV8154PWG4 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
More results

Similar Description - SN74LV8154PWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV8154 TI-SN74LV8154 Datasheet
254Kb / 11P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3 STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_07 Datasheet
267Kb / 12P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154 TI-SN74LV8154_09 Datasheet
439Kb / 15P
[Old version datasheet]   DUAL 16-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_07 Datasheet
725Kb / 21P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A Datasheet
584Kb / 19P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN54HC590A TI-SN54HC590A_08 Datasheet
865Kb / 22P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH 3-STATE OUTPUT REGISTERS
SN74LV8154-EP TI1-SN74LV8154-EP Datasheet
562Kb / 15P
[Old version datasheet]   DUAL 16 BIT BINARY COUNTER WITH 3-STATE OUTPUT REGISTERS
SN54LS592 TI-SN54LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INTPUT REGISTERS
SN54LS592 TI-SN54LS592_1 Datasheet
1Mb / 30P
[Old version datasheet]   8-BIT BINARY COUNTERS WITH INPUT REGISTERS
SN74LS592 TI-SN74LS592 Datasheet
827Kb / 20P
[Old version datasheet]   8 BIT BINARY COUNTERS WITH INPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com