Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LV244ADBLE Datasheet(PDF) 7 Page - Texas Instruments

Part # SN74LV244ADBLE
Description  Octal Buffers and Drivers
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

SN74LV244ADBLE Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN74LV244ADBLE Datasheet HTML 3Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 4Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 5Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 6Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 7Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 8Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 9Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 10Page - Texas Instruments SN74LV244ADBLE Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
SN74LV244A
www.ti.com
SCLS383N – SEPTEMBER 1997 – REVISED OCTOBER 2015
Switching Characteristics: VCC = 2.5 V ± 0.2 V (continued)
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
FROM
TO
LOAD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
13.4
19.2
tdis
OE
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
21
TA = 25°C
2
tsk(o)
CL = 50 pF
ns
TA = –40°C to 125°C
2
6.9 Switching Characteristics: VCC = 3.3 V ± 0.3 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
FROM
TO
LOAD
MIN
TYP
MAX
PARAMETER
TEST CONDITIONS
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
5.4(1)
8.4(1)
tpd
A
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
10
TA = 25°C
6.3(1)
10.6(1)
ten
OE
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
12.5
TA = 25°C
7.6(1)
11.7(1)
tdis
OE
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
13
TA = 25°C
6.8
11.9
tpd
A
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
13.5
TA = 25°C
7.8
14.1
ten
OE
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
16
TA = 25°C
11
16
tdis
OE
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
18
TA = 25°C
1.5
tsk(o)
CL = 50 pF
ns
TA = –40°C to 125°C
1.5
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
6.10 Switching Characteristics: VCC = 5 V ± 0.5 V
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 3)
FROM
TO
LOAD
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
(INPUT)
(OUTPUT)
CAPACITANCE
TA = 25°C
3.9(1)
5.5(1)
tpd
A
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
6.5
TA = 25°C
4.5(1)
7.3(1)
ten
OE
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
8.5
TA = 25°C
6.5(1)
12.2(1)
tdis
OE
Y
CL = 15 pF
ns
TA = –40°C to 125°C
1
13.5
TA = 25°C
4.9
7.5
tpd
A
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
8.5
TA = 25°C
5.6
9.3
ten
OE
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
10.5
TA = 25°C
8.8
14.2
tdis
OE
Y
CL = 50 pF
ns
TA = –40°C to 125°C
1
15.5
TA = 25°C
1
tsk(o)
ns
TA = –40°C to 85°C
1
(1)
On products compliant to MIL-PRF-38535, this parameter is not production tested.
Copyright © 1997–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: SN74LV244A


Similar Part No. - SN74LV244ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LV244ADBLE TI-SN74LV244ADBLE Datasheet
436Kb / 16P
[Old version datasheet]   OCTAL BUFFERS /DRIVERS WITH 3 STATE OUTPUTS
SN74LV244ADBLE TI-SN74LV244ADBLE Datasheet
697Kb / 18P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN74LV244ADBLE TI-SN74LV244ADBLE Datasheet
710Kb / 20P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results

Similar Description - SN74LV244ADBLE

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN54LVCH244A TI-SN54LVCH244A_07 Datasheet
665Kb / 23P
[Old version datasheet]   OCTAL BUFFERS/DRIVERS OCTAL BUFFERS/DRIVERS
logo
Unisonic Technologies
U74HC541 UTC-U74HC541_15 Datasheet
199Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54LS540 TI1-SN54LS540_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC541 TI1-SN54HC541_16 Datasheet
1Mb / 21P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC540 UTC-U74HC540_15 Datasheet
131Kb / 5P
   OCTAL BUFFERS AND LINE DRIVERS
logo
Texas Instruments
SN54ALS244C TI1-SN54ALS244C_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI1-SN54HC240_16 Datasheet
1Mb / 22P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
SN54HC240 TI-SN54HC240_07 Datasheet
682Kb / 18P
[Old version datasheet]   OCTAL BUFFERS AND LINE DRIVERS
logo
Unisonic Technologies
U74HC240 UTC-U74HC240_17 Datasheet
254Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
U74HC541 UTC-U74HC541_17 Datasheet
258Kb / 6P
   OCTAL BUFFERS AND LINE DRIVERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com